Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BQ2018 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part No. BQ2018
Description  Power Minder IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2018 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ2018 Datasheet HTML 12Page - Texas Instruments BQ2018 Datasheet HTML 13Page - Texas Instruments BQ2018 Datasheet HTML 14Page - Texas Instruments BQ2018 Datasheet HTML 15Page - Texas Instruments BQ2018 Datasheet HTML 16Page - Texas Instruments BQ2018 Datasheet HTML 17Page - Texas Instruments BQ2018 Datasheet HTML 18Page - Texas Instruments BQ2018 Datasheet HTML 19Page - Texas Instruments BQ2018 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
bq2018
Dimension
Millimeters
Inches
Min.
Max.
Min.
Max.
A
-
1.10
-
0.043
A1
0.05
0.15
0.002
0.006
B
0.18
0.30
0.007
0.012
C
0.09
0.18
0.004
0.007
D
2.90
3.10
0.115
0.122
E
4.30
4.48
0.169
0.176
e
0.65BSC
0.0256BSC
H
6.25
6.50
0.246
0.256
L
0.50
0.70
0.020
0.028
Notes:
1. Controlling dimension: millimeters. Inches shown for reference only.
2 'D' and 'E' do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.15mm per side
3 Each lead centerline shall be located within ±0.10mm of its exact true position.
4. Leads shall be coplanar within 0.08mm at the seating plane.
5 Dimension 'B' does not include dambar protrusion. The dambar protrusion(s) shall not cause the lead width
to exceed 'B' maximum by more than 0.08mm.
6 Dimension applies to the flat section of the lead between 0.10mm and 0.25mm from the lead tip.
7 'A1' is defined as the distance from the seating plane to the lowest point of the package body (base plane).
8-Pin TSSOP ~ TS Package Suffix


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn