Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QRB1133 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # QRB1133
Description  PHOTOTRANSISTOR REFLECTIVE OBJECT SENSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QRB1133 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QRB1133 Datasheet HTML 1Page - Fairchild Semiconductor QRB1133 Datasheet HTML 2Page - Fairchild Semiconductor QRB1133 Datasheet HTML 3Page - Fairchild Semiconductor QRB1133 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.60
10.0
1.00
1.00
0.8
0.6
0.4
0.2
0
0.10
0.01
.001
102
101
10
1.0
10-1
10-2
10-3
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.1
0.0
-50
-25
0
25
50
75
10
20
30
40
50
1.0
10
100
Fig. 1 Forward Voltage
vs. Forward Current
Fig. 2 Normalized Collector Current
vs. Forward Current
Fig. 3 Normalized Collector Current
vs. Temperature
Fig. 5 Normalized Collector Current
vs. Distance
IF - FORWARD CURRENT (mA)
IF - FORWARD CURRENT (mA)
TA - AMBIENT TEMPERATURE (˚C)
DISTANCE IN MILS
Fig. 4 Normalized Collector Dark
Current vs. Temperature
TA - AMBIENT TEMPERATURE (˚C)
VCE = 5 V
D = .05"
IF = 10 m,A
VCE = 5 V
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
50
-25
0
25
50
75
100
IF = 20 m,A
VCE = 5 V
100
150
200
250
300
350
400
450
500
VCE = 10 V
DS300351
7/02/01
3 OF 4
www.fairchildsemi.com
TYPICAL PERFORMANCE CURVES
PHOTOTRANSISTOR
REFLECTIVE OBJECT SENSORS
QRB1133
QRB1134


Similar Part No. - QRB1133

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
QRB1133 QT-QRB1133 Datasheet
148Kb / 2P
   REFLECTIVE OBJECT SENSORS
More results

Similar Description - QRB1133

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRB1113 FAIRCHILD-QRB1113 Datasheet
314Kb / 4P
   PHOTOTRANSISTOR REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
QRB1113 QT-QRB1113 Datasheet
146Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
OPTEK Technologies
OPB702 OPTEK-OPB702 Datasheet
89Kb / 4P
   Reflective Object Sensors
OPB608A OPTEK-OPB608A Datasheet
223Kb / 2P
   REFLECTIVE OBJECT SENSORS
OPB740W OPTEK-OPB740W Datasheet
268Kb / 2P
   Reflective Object Sensors
logo
QT Optoelectronics
QRC1113 QT-QRC1113 Datasheet
143Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
OPTEK Technologies
OPA708 OPTEK-OPA708 Datasheet
127Kb / 4P
   REFLECTIVE OBJECT SENSORS
OPB606A OPTEK-OPB606A Datasheet
225Kb / 2P
   REFLECTIVE OBJECT SENSORS
logo
QT Optoelectronics
OPB703 QT-OPB703 Datasheet
149Kb / 2P
   REFLECTIVE OBJECT SENSORS
QRB1133 QT-QRB1133 Datasheet
148Kb / 2P
   REFLECTIVE OBJECT SENSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com