Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2378-16 Datasheet(PDF) 24 Page - Linear Dimensions Semiconductor

Part # LTC2378-16
Description  16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LTC2378-16 Datasheet(HTML) 24 Page - Linear Dimensions Semiconductor

Back Button LTC2378-16 Datasheet HTML 16Page - Linear Dimensions Semiconductor LTC2378-16 Datasheet HTML 17Page - Linear Dimensions Semiconductor LTC2378-16 Datasheet HTML 18Page - Linear Dimensions Semiconductor LTC2378-16 Datasheet HTML 19Page - Linear Dimensions Semiconductor LTC2378-16 Datasheet HTML 20Page - Linear Dimensions Semiconductor LTC2378-16 Datasheet HTML 21Page - Linear Dimensions Semiconductor LTC2378-16 Datasheet HTML 22Page - Linear Dimensions Semiconductor LTC2378-16 Datasheet HTML 23Page - Linear Dimensions Semiconductor LTC2378-16 Datasheet HTML 24Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2378-16
24
237816f
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
LINEAR TECHNOLOGY CORPORATION 2011
LT 0811 • PRINTED IN USA
LT6350
3.01k
4.32k
VCM
237816 TA03
OUT1
RINT
RINT
RIN = 15k
OUT2
V
8
4
5
2
1
6
V+
3
+
+
20
3300pF
20
6.04k
1k
VCM
1k
0.5V
4.5V
0.5V
4.5V
5V
5.5V
47µF
10µF
10µF
LTC2378-16
REF/DGC
IN+
REF
VDD
2.5V
IN
–10V
10V
0V
6800pF
6800pF
5.5V
LTC6655-5
VIN
VOUT_S
VOUT_F
relaTeD parTs
Typical applicaTion
LT6350 Configured to Accept a ±10V Input Signal While Running Off of a Single 5.5V Supply When
Digital Gain Compression Is Enabled in the LTC2378-16
PART NUMBER
DESCRIPTION
COMMENTS
ADCs
LTC2379-18
18-Bit, 1.6Msps Serial, Low Power ADC
2.5V Supply, Differential Input, 101.2dB SNR, ±5V Input Range,
DGC, MSOP-16 and 4mm
× 3mm DFN-16 Packages
LTC2380-16
16-Bit, 2Msps Serial, Low Power ADC
2.5V Supply, Differential Input, 96.2dB SNR, ±5V Input Range,
DGC, MSOP-16 and 4mm
× 3mm DFN-16 Packages
LTC2383-16/LTC2382-16/
LTC2381-16
16-Bit, 1Msps/500ksps/250ksps Serial, Low Power ADC 2.5V Supply, Differential Input, 92dB SNR, ±2.5V Input Range, Pin
Compatible Family in MSOP-16 and 4mm
× 3mm DFN-16 Packages
LTC2393-16/LTC2392-16/
LTC2391-16
16-Bit, 1Msps/500ksps/250ksps Parallel/Serial ADC
5V Supply, Differential Input, 94dB SNR, ±4.096V Input Range, Pin
Compatible Family in 7mm
× 7mm LQFP-48 and QFN-48 Packages
LTC2365
12-Bit, 1Msps Serial ADC
2.35V to 3.6V Supply 6- and 8-Lead TSOT-23 Packages
LTC2355-14/LTC2356-14 14-Bit, 3.5Msps Serial ADC
3.3V Supply, 1-Channel, Unipolar/Bipolar, 18mW, MSOP-10 Package
DACS
LTC2757
18-Bit, Single Parallel IOUT SoftSpan™ DAC
±1LSB INL/DNL, Software-Selectable Ranges, 7mm
× 7mm
LQFP-48 Package
LTC2641
16-Bit/14-Bit/12-Bit Single Serial VOUT DACs
±1LSB INL/DNL, MSOP-8 Package, 0V to 5V Output
LTC2630
12-Bit/10-Bit/8-Bit Single VOUT DACs
SC70 6-Pin Package, Internal Reference, ±1LSB INL (12 Bits)
REFERENCES
LTC6655
Precision Low Drift Low Noise Buffered Reference
5V/2.5V, 5ppm/°C, 0.25ppm Peak-to-Peak Noise, MSOP-8 Package
LTC6652
Precision Low Drift Low Noise Buffered Reference
5V/2.5V, 5ppm/°C, 2.1ppm Peak-to-Peak Noise, MSOP-8 Package
AMPLIFIERS
LT6350
Low Noise Single-Ended-to-Differential ADC Driver
Rail-to-Rail Input and Outputs, 240ns, 0.01% Settling Time
LT6200/LT6200-5/
LT6200-10
165MHz/800MHz/1.6GHz Op Amp with
Unity Gain/AV = 5/AV = 10
Low Noise Voltage: 0.95nV/√Hz (100kHz), Low Distortion: –80dB at
1MHz, TSOT23-6 Package
LT6202/LT6203
Single/Dual 100MHz Rail-to-Rail Input/Output Noise Low
Power Amplifiers
1.9nV√Hz, 3mA Maximum, 100MHz Gain Bandwidth
LTC1992
Low Power, Fully Differential Input/Output Amplifier/
Driver Family
1mA Supply Current


Similar Part No. - LTC2378-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2378-16 LINER-LTC2378-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2378-16 LINER-LTC2378-16 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2378-16 LINER-LTC2378-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2378-16 LINER-LTC2378-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2378-16 LINER-LTC2378-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2378-16

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
LTC2376-16 LINER-LTC2376-16_15 Datasheet
2Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2393-16 LINER-LTC2393-16_15 Datasheet
225Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2378-18 LINER-LTC2378-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Low Power SAR ADC with 102dB SNR
LTC2373-16 LINER-LTC2373-16_15 Datasheet
2Mb / 50P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
LTC2373-16 LINER-LTC2373-16 Datasheet
2Mb / 52P
   16-Bit, 1Msps, 8-Channel SAR ADC with 96dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com