Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9994350000 Datasheet(PDF) 3 Page - Weidmuller

Part # 9994350000
Description  PCB Components and Housings for Electronics
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9994350000 Datasheet(HTML) 3 Page - Weidmuller

  9994350000 Datasheet HTML 1Page - Weidmuller 9994350000 Datasheet HTML 2Page - Weidmuller 9994350000 Datasheet HTML 3Page - Weidmuller 9994350000 Datasheet HTML 4Page - Weidmuller 9994350000 Datasheet HTML 5Page - Weidmuller 9994350000 Datasheet HTML 6Page - Weidmuller 9994350000 Datasheet HTML 7Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Product catalogue | PCB Components and Housings for Electronics | PCB terminals | Clamping yoke connection | LM
5.00 / 5.08 | LM 5.08/135
- 3 -
DIN IEC rating data
Rated voltage for overvoltage class/pollution
severity III/3
250 V
Rated impulse withstand voltage for overvoltage
class/pollution severity II/2
4 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/2
4 kV
Rated impulse withstand voltage for overvoltage
class/pollution severity III/3
4 kV
Short-time withstand current resistance
3 x 1s with 120 A
CSA rating data
Rated voltage, user group D
300 V
Rated current, user group D
10 A
AWG conductor (field wiring), min.
24
AWG conductor (field wiring), max.
14
UL 1059 rating data
Rated voltage, user group D
300 V
Rated current, user group D
10 A
AWG conductor, min.
24
AWG conductor, max.
14
Approvals
Approvals institutes
Downloads
CAD Library (P-CAD Format - Standard)
LM.lib
Classifications
ETIM 2.0
NK
ETIM 3.0
EC001284
eClass 4.1
NK
eClass 5.0
NK
eClass 5.1
NK


Similar Part No. - 9994350000

ManufacturerPart #DatasheetDescription
logo
Littelfuse
999 LITTELFUSE-999 Datasheet
54Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
logo
NXP Semiconductors
999 PHILIPS-999 Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
logo
Precid-Dip Durtal SA
999-11-110-10 PREDIP-999-11-110-10 Datasheet
30Kb / 1P
   Jumpers Male or female
999-11-110-90 PREDIP-999-11-110-90 Datasheet
30Kb / 1P
   Jumpers Male or female
999-11-112-10 PREDIP-999-11-112-10 Datasheet
30Kb / 1P
   Jumpers Male or female
More results

Similar Description - 9994350000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
171529000 WEIDMULLER-171529000 Datasheet
94Kb / 7P
   PCB Components and Housings for Electronics
logo
PHOENIX CONTACT
107750 PHOENIX-107750 Datasheet
1Mb / 14P
   Universal electronics housings
2017-08-22
logo
Siemens Semiconductor G...
TUA6012 SIEMENS-TUA6012 Datasheet
253Kb / 31P
   Components for Entertainment Electronics
logo
PHOENIX CONTACT
106461 PHOENIX-106461 Datasheet
618Kb / 21P
   Series EH...F electronics housings
2015-03-05
logo
List of Unclassifed Man...
5967001901 ETC2-5967001901 Datasheet
369Kb / 4P
   Ferrite Components for the Electronics Industry
logo
Infineon Technologies A...
TDA6170 INFINEON-TDA6170 Datasheet
416Kb / 27P
   Components for Entertainment Electronics, Satellite Sound IF
21.7.99
logo
Weidmuller
1104190000 WEIDMULLER-1104190000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 12.5 mm
1104420000 WEIDMULLER-1104420000 Datasheet
89Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 45 mm
2418640000 WEIDMULLER-2418640000 Datasheet
82Kb / 2P
   Electronics housings, CH20M black, Hood, Width: 22.5 mm
1080630000 WEIDMULLER-1080630000 Datasheet
80Kb / 2P
   Electronics housings, CH20M black, Lateral element, Width: 22.5 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com