Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4401BDY Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SI4401BDY
Description  P-Channel 40-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4401BDY Datasheet(HTML) 5 Page - Vishay Siliconix

  SI4401BDY Datasheet HTML 1Page - Vishay Siliconix SI4401BDY Datasheet HTML 2Page - Vishay Siliconix SI4401BDY Datasheet HTML 3Page - Vishay Siliconix SI4401BDY Datasheet HTML 4Page - Vishay Siliconix SI4401BDY Datasheet HTML 5Page - Vishay Siliconix SI4401BDY Datasheet HTML 6Page - Vishay Siliconix SI4401BDY Datasheet HTML 7Page - Vishay Siliconix SI4401BDY Datasheet HTML 8Page - Vishay Siliconix SI4401BDY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 73140
S09-0866-Rev. D, 18-May-09
www.vishay.com
5
Vishay Siliconix
Si4401BDY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?73140.
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)


Similar Part No. - SI4401BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4401BDY VISHAY-SI4401BDY Datasheet
237Kb / 3P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 13-Jun-05
Si4401BDY VISHAY-Si4401BDY Datasheet
187Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 18-May-09
logo
Guangdong Youtai Semico...
SI4401BDY UMW-SI4401BDY Datasheet
359Kb / 8P
   P-Channel MOSFET
logo
VBsemi Electronics Co.,...
SI4401BDY-T1-E3 VBSEMI-SI4401BDY-T1-E3 Datasheet
1,003Kb / 9P
   P-Channel 40 V (D-S) MOSFET
logo
Vishay Siliconix
SI4401BDY VISHAY-SI4401BDY_17 Datasheet
187Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 18-May-09
More results

Similar Description - SI4401BDY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4401DY-T1 VISHAY-SI4401DY-T1 Datasheet
250Kb / 8P
   P-Channel 40-V (D-S) MOSFET
Rev. D, 02-Mar-09
SI2319CDS VISHAY-SI2319CDS_15 Datasheet
226Kb / 11P
   P-Channel 40 V (D-S) MOSFET
Rev. A, 31-May-10
logo
Analog Power
AM3949P ANALOGPOWER-AM3949P Datasheet
184Kb / 3P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7611DN VISHAY-SI7611DN Datasheet
578Kb / 13P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Apr-08
logo
Analog Power
AM40P04-20DE ANALOGPOWER-AM40P04-20DE Datasheet
241Kb / 5P
   P-Channel 40-V (D-S) MOSFET
AM90P04-03P ANALOGPOWER-AM90P04-03P Datasheet
60Kb / 2P
   P-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SUD50P04-40P VISHAY-SUD50P04-40P Datasheet
143Kb / 7P
   P-Channel 40-V (D-S) MOSFET
Rev. B, 21-Jan-08
logo
VBsemi Electronics Co.,...
15P04SC VBSEMI-15P04SC Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
9563GM VBSEMI-9563GM Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
AFP4637WS8RG VBSEMI-AFP4637WS8RG Datasheet
1,002Kb / 9P
   P-Channel 40 V (D-S) MOSFET
FDS4685-NL VBSEMI-FDS4685-NL Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com