Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVM3G Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVM3G
Description  SMT Trimmer Potentiometers/EVM3G/3E/3Y/3S/3R
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVM3G Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVM3G Datasheet HTML 1Page - Panasonic Semiconductor EVM3G Datasheet HTML 2Page - Panasonic Semiconductor EVM3G Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMT Trimmer Potentiometers/EVM3G/3E/3Y/3S/3R
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
3.1
0.56
1.68
1.2
0.5 max.
0.9(1.0 max.)
2.8
ab
c
4
3.2
1.4
1.8
0.7
1.7
c
b
a
f
Dummy
Resistance
width 0.45
depth 0.3
Driver Slot
(Recommended Land Pattern)
(Circuit diagram)
1.2
0.56
1.68
2.8
3.2
1.4
f1.8
0.7
1.7
Dummy
(Recommended Land Pattern)
3.1
2
Wiper
position mark
1.4
0.5
Resistance
width 0.55
length 2.5
depth 0.3
Driver Slot
width 0.4
depth 0.35
Driver Slot
c
b
a
(Circuit diagram)
c
b
a
Dimensions in mm (not to scale)
● 3-terminal, Both Sides Adjust ...................................................................................................................................EVM3S
No. 3
No. 4
● 3-terminal, Back Side Adjust ................................................................................................................................... EVM3R
Mass (Weight) : 45 mg/pc.
Mass (Weight) : 32 mg/pc.
Oct. 2013
02
6


Similar Part No. - EVM3G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM3GSX50B52 PANASONIC-EVM3GSX50B52 Datasheet
106Kb / 3P
   3 mm Square SMT Trimmer Potentiometers
More results

Similar Description - EVM3G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM-3YSX50B15 PANASONIC-EVM-3YSX50B15 Datasheet
149Kb / 3P
   SMT Trimmer Potentiometers/EVM3Y/3S/3R
EVM-3YSX50B24 PANASONIC-EVM-3YSX50B24 Datasheet
149Kb / 3P
   SMT Trimmer Potentiometers/EVM3Y/3S/3R
EVM-3YSX50B12 PANASONIC-EVM-3YSX50B12 Datasheet
149Kb / 3P
   SMT Trimmer Potentiometers/EVM3Y/3S/3R
EVM-2WSX80B14 PANASONIC-EVM-2WSX80B14 Datasheet
88Kb / 3P
   SMT Trimmer Potentiometers/EVM2N/2W
EVM1 PANASONIC-EVM1 Datasheet
164Kb / 3P
   4mm Square SMT Trimmer Potentiometers
EVM-2NSX80B14 PANASONIC-EVM-2NSX80B14 Datasheet
88Kb / 3P
   SMT Trimmer Potentiometers/EVM2N/2W
EVM-3YSX50B54 PANASONIC-EVM-3YSX50B54 Datasheet
106Kb / 3P
   3 mm Square SMT Trimmer Potentiometers
logo
KOA Speer Electronics, ...
KVSF637A KOA-KVSF637A Datasheet
93Kb / 2P
   trimmer potentiometers
logo
Murata Manufacturing Co...
PVG3A203C01R00 MURATA-PVG3A203C01R00 Datasheet
1Mb / 55P
   Trimmer Potentiometers
logo
Murata Manufacturing Co...
PVZ3H471C01B00 MURATA1-PVZ3H471C01B00_V01 Datasheet
242Kb / 3P
   Trimmer Potentiometers
09/13/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com