Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QEE213 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QEE213
Description  PLASTIC INFRARED LIGHT EMITTING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QEE213 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QEE213 Datasheet HTML 1Page - Fairchild Semiconductor QEE213 Datasheet HTML 2Page - Fairchild Semiconductor QEE213 Datasheet HTML 3Page - Fairchild Semiconductor QEE213 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Parameter
Symbol
Rating
Unit
Operating Temperature
T
OPR
-40 to + 100
°C
Storage Temperature
T
STG
-40 to + 100
°C
Soldering Temperature (Iron)(2,3,4)
T
SOL-I
240 for 5 sec
°C
Soldering Temperature (Flow)(2,3)
T
SOL-F
260 for 10 sec
°C
Continuous Forward Current
I
F
100
mA
Reverse Voltage
V
R
5V
Peak Forward Current(5)
I
FP
1A
Power Dissipation(1)
P
D
100
mW
PLASTIC INFRARED
LIGHT EMITTING DIODE
QEE213
Parameter
Test Conditions
Symbol
Min
Typ
Max
Units
Peak Emission Wavelength
IF = 100 mA
lP
940
nm
Emission Angle
IF = 100 mA
U
±25
Deg.
Forward Voltage
IF = 100 mA, tp = 20 ms
VF
——
1.5
V
Reverse Current
VR = 5 V
IR
——
10
µA
Radiant Intensity
IF = 100 mA, tp = 20 ms
Ie
2
——
mW/sr
Rise Time
IF = 100 mA
tr
1
µs
Fall Time
tp = 100 µs, T = 10 mS
tf
1
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
NOTES
1. Derate power dissipation linearly 2.67 mW/°C above 25°C.
2. RMA flux is recommended.
3. Methanol or isopropyl alcohols are recommended as cleaning agents.
4. Soldering iron 1/16” (1.6 mm) minimum from housing.
5. Pulse conditions: tp = 100 µs, T
= 10 ms.
www.fairchildsemi.com
2 OF 4
9/18/01
DS300239


Similar Part No. - QEE213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QEE213 FAIRCHILD-QEE213 Datasheet
58Kb / 4P
   Plastic Infrared Light Emitting Diode
QEE213 FAIRCHILD-QEE213_05 Datasheet
58Kb / 4P
   Plastic Infrared Light Emitting Diode
More results

Similar Description - QEE213

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QEE213 FAIRCHILD-QEE213_05 Datasheet
58Kb / 4P
   Plastic Infrared Light Emitting Diode
QEC121 FAIRCHILD-QEC121 Datasheet
130Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEC112 FAIRCHILD-QEC112 Datasheet
134Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QED221 FAIRCHILD-QED221 Datasheet
103Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QED422 FAIRCHILD-QED422 Datasheet
369Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE113E3R0 FAIRCHILD-QEE113E3R0 Datasheet
125Kb / 5P
   Plastic Infrared Light Emitting Diode
QED121 FAIRCHILD-QED121 Datasheet
358Kb / 3P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE113 FAIRCHILD-QEE113 Datasheet
332Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
QEE122 FAIRCHILD-QEE122 Datasheet
332Kb / 4P
   PLASTIC INFRARED LIGHT EMITTING DIODE
logo
QT Optoelectronics
QED121 QT-QED121 Datasheet
86Kb / 2P
   PLASTIC INFRARED LIGHT EMITTING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com