Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE33CA Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # P6KE33CA
Description  600 Watt Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

P6KE33CA Datasheet(HTML) 3 Page - Fairchild Semiconductor

  P6KE33CA Datasheet HTML 1Page - Fairchild Semiconductor P6KE33CA Datasheet HTML 2Page - Fairchild Semiconductor P6KE33CA Datasheet HTML 3Page - Fairchild Semiconductor P6KE33CA Datasheet HTML 4Page - Fairchild Semiconductor P6KE33CA Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P6KE6.8(C)A - P6KE440(C)A, Rev. A
Transient Voltage Supressors
(continued)
Typical Characteristics
Steady State Power Derating Curve
0
25
50
75
100
125
150
175
200
0
1.25
2.5
3.75
5
LEAD TEMPERATURE ( C)
º
Pulse Derating Curve
0
25
50
75
100
125
150
175
200
0
25
50
75
100
AMBIENT TEMPERATURE ( C)
º
Non-Repetitive Surge Current
12
5
10
20
50
100
10
20
50
100
200
NUMBER OF CYCLES AT 60Hz
T = T max
8.3ms Single Half Sine-Wave
JEDEC Method
A
A
Peak Pulse Power Rating Curve
0.0001
0.001
0.01
0.1
1
10
0.1
1
10
100
PULSE WIDTH (ms)
T = 25 C
º
A
Pulse Waveform
01234
0
50
100
150
TIME (ms)
T = 25 C
º
A
Pulse Width (td) is Defined
as the Point Where the Peak
Current Decays to 50% of Ipp
10/1000
µsec Waveform
as Defined by R.E.A.
tf = 10
µsec
e-kt
Peak Value
Ippm
Half Value-Ipp
2
td
Junction Capacitance - Unidirectional
1
5
10
50
100
200
10
20
50
100
200
500
1000
2000
4000
6000
REVERSE VOLTAGE (V)
T = 25 C
º
A
f = 1.0 MHz
Visg = 50m Vp-p
Measured at
Zero Bias
Measured at
Stand-Off
Voltage (V mw)


Similar Part No. - P6KE33CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE33CA PANJIT-P6KE33CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P6KE33CA SUNMATE-P6KE33CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Won-Top Electronics
P6KE33CA WTE-P6KE33CA Datasheet
74Kb / 6P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
DONGGUAN YOU FENG WEI E...
P6KE33CA YFWDIODE-P6KE33CA Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Ruilongyuan Electronics...
P6KE33CA RUILON-P6KE33CA Datasheet
895Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - P6KE33CA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
P6KE250CA FAIRCHILD-P6KE250CA Datasheet
112Kb / 4P
   600 Watt Transient Voltage Suppressors
logo
Digitron Semiconductors
P6KE6.8A DIGITRON-P6KE6.8A Datasheet
411Kb / 5P
   600 WATT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
P6KE GWSEMI-P6KE Datasheet
185Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
P6KE BYTES-P6KE Datasheet
305Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
P6KE200B ONSEMI-P6KE200B Datasheet
118Kb / 4P
   600 Watt Peak Power Transient Voltage Suppressors
April, 2006 -- Rev. 1
logo
UNIOHM CORPORATION
P6KE UNIOHM-P6KE Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com