Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBA0204-501CT47K Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MBA0204-501CT47K
Description  MBA 0204; MBB 0207; MBE 0414 Professional leaded resistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBA0204-501CT47K Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button MBA0204-501CT47K Datasheet HTML 2Page - List of Unclassifed Manufacturers MBA0204-501CT47K Datasheet HTML 3Page - List of Unclassifed Manufacturers MBA0204-501CT47K Datasheet HTML 4Page - List of Unclassifed Manufacturers MBA0204-501CT47K Datasheet HTML 5Page - List of Unclassifed Manufacturers MBA0204-501CT47K Datasheet HTML 6Page - List of Unclassifed Manufacturers MBA0204-501CT47K Datasheet HTML 7Page - List of Unclassifed Manufacturers MBA0204-501CT47K Datasheet HTML 8Page - List of Unclassifed Manufacturers MBA0204-501CT47K Datasheet HTML 9Page - List of Unclassifed Manufacturers MBA0204-501CT47K Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
2002 Oct 07
6
BCcomponents
Product specification
Professional leaded resistors
MBA 0204; MBB 0207;
MBE 0414
Table 3
Last digit of 12NC indicating resistance decade
RESISTANCE DECADE
LAST DIGIT
0,1
Ω to 0,999 Ω
7
1
Ω to 9,99 Ω
8
10
Ω to 99,9 Ω
9
100
Ω to 999 Ω
1
1 k
Ω to 9,99 kΩ
2
10 k
Ω to 99,9 kΩ
3
100 k
Ω to 999 kΩ
4
1M
Ω to 9,99 MΩ
5
10 M
Ω to 99,9 MΩ
6
ORDERING EXAMPLE
The ordering code of a MBA 0204 resistor, value 47 k
Ω and
TC 50 with
±1% tolerance, supplied on bandolier in a box
of 5000 units is: 2312 905 14703.
Type description and ordering code
• We recommend that the clear text ordering code is used to minimize the possibility of errors in order handling.
0204
M B A
- 50 1% CT 47 K
Resistance value
see Table 1
Packaging
C1 = 1 000 units (cardboard box)
CT = 5 000 units (cardboard box)
Tolerance
±0,5 %
±1 %
±5 %
Temperature coefficient
±25 ppm/K
±50 ppm/K
Film type
M = metal
Size code
A = 0204
B = 0207
E = 0414
DIN size
0204
0207
0414
Product code
B = axial leaded
Jumpers are ordered by the resistance value 0
Ω, e.g. MBA 0204 CT 0R0.


Similar Part No. - MBA0204-501CT47K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
294Kb / 9P
   Lead (Pb)-Free Precision Leaded Resistors
Revision: 20-Sep-05
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA0204 VISHAY-MBA0204 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
More results

Similar Description - MBA0204-501CT47K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MMB02070C2709FB200 VISHAY-MMB02070C2709FB200 Datasheet
241Kb / 13P
   MMU 0102, MMA 0204, MMB 0207 - Professional
Revision: 05-Mar-12
MRS25000C7681FCT00 VISHAY-MRS25000C7681FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
logo
List of Unclassifed Man...
MRS16 ETC1-MRS16 Datasheet
121Kb / 4P
   Professional leaded resistors
logo
Vishay Siliconix
MRS25000C3011FCT00 VISHAY-MRS25000C3011FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
logo
List of Unclassifed Man...
MBA0204 ETC2-MBA0204 Datasheet
904Kb / 16P
   Professional leaded resistors
logo
Vishay Siliconix
MRS25000C1003FCT00 VISHAY-MRS25000C1003FCT00 Datasheet
170Kb / 3P
   Professional Leaded Resistors
Revision: 20-Feb-08
MBA02040C5601FC100 VISHAY-MBA02040C5601FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C3301FC100 VISHAY-MBB02070C3301FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBB02070C1002FC100 VISHAY-MBB02070C1002FC100 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
MBA02040C1009FCT00 VISHAY-MBA02040C1009FCT00 Datasheet
187Kb / 13P
   Professional Thin Film Leaded Resistors
Revision: 03-Dec-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com