Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN0805S14BAUTOHTG2 Datasheet(PDF) 5 Page - EPCOS

Part # CN0805S14BAUTOHTG2
Description  Ceramic transient voltage suppressors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

CN0805S14BAUTOHTG2 Datasheet(HTML) 5 Page - EPCOS

  CN0805S14BAUTOHTG2 Datasheet HTML 1Page - EPCOS CN0805S14BAUTOHTG2 Datasheet HTML 2Page - EPCOS CN0805S14BAUTOHTG2 Datasheet HTML 3Page - EPCOS CN0805S14BAUTOHTG2 Datasheet HTML 4Page - EPCOS CN0805S14BAUTOHTG2 Datasheet HTML 5Page - EPCOS CN0805S14BAUTOHTG2 Datasheet HTML 6Page - EPCOS CN0805S14BAUTOHTG2 Datasheet HTML 7Page - EPCOS CN0805S14BAUTOHTG2 Datasheet HTML 8Page - EPCOS CN0805S14BAUTOHTG2 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Ceramic transient voltage suppressors
B72510H1140S272
SMD multilayer varistor for high temperature application
CN0805S14BAUTOHTG2
KB VS PE
2009-07-16
Please read Cautions and warnings and
Page 5 of 12
Important notes at the end of this document.
Storage condition
As far as possible, the components should be employed within 6 months after delivery from
EPCOS.
They should be left in their original packing to avoid soldering problems due to oxidized
contacts.
Storage temperature: − 25 up to + 45°C.
Relative humidity: < 75 % annual average, < 95 % on max. 30 days in a year.


Similar Part No. - CN0805S14BAUTOHTG2

ManufacturerPart #DatasheetDescription
logo
EPCOS
CN0805S17GK2 EPCOS-CN0805S17GK2 Datasheet
1Mb / 81P
   Ceramic transient voltage suppressors
More results

Similar Description - CN0805S14BAUTOHTG2

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72862F1050S160 EPCOS-B72862F1050S160 Datasheet
653Kb / 28P
   Ceramic transient voltage suppressors
B72762A8140S160 EPCOS-B72762A8140S160_08 Datasheet
645Kb / 28P
   Ceramic transient voltage suppressors
B72587G3140S200 EPCOS-B72587G3140S200 Datasheet
691Kb / 29P
   Ceramic transient voltage suppressors
B72500E2170K060 EPCOS-B72500E2170K060 Datasheet
256Kb / 13P
   Ceramic transient voltage suppressors
B72500E2170S160 EPCOS-B72500E2170S160 Datasheet
156Kb / 13P
   Ceramic transient voltage suppressors
B72510E0140K062 EPCOS-B72510E0140K062 Datasheet
164Kb / 14P
   Ceramic transient voltage suppressors
B72510E0250K062 EPCOS-B72510E0250K062 Datasheet
163Kb / 14P
   Ceramic transient voltage suppressors
B72510E0300K062 EPCOS-B72510E0300K062 Datasheet
162Kb / 14P
   Ceramic transient voltage suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com