Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75C1167DBRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75C1167DBRG4
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75C1167DBRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75C1167DBRG4 Datasheet HTML 3Page - Texas Instruments SN75C1167DBRG4 Datasheet HTML 4Page - Texas Instruments SN75C1167DBRG4 Datasheet HTML 5Page - Texas Instruments SN75C1167DBRG4 Datasheet HTML 6Page - Texas Instruments SN75C1167DBRG4 Datasheet HTML 7Page - Texas Instruments SN75C1167DBRG4 Datasheet HTML 8Page - Texas Instruments SN75C1167DBRG4 Datasheet HTML 9Page - Texas Instruments SN75C1167DBRG4 Datasheet HTML 10Page - Texas Instruments SN75C1167DBRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SN65C1167
SN75C1167, SN65C1168, SN75C1168
www.ti.com
SLLS159F – MARCH 1993 – REVISED NOVEMBER 2009
RECEIVER SECTION
Electrical Characteristics
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX UNIT
Positive-going input threshold voltage, differential
VIT+
0.2
V
input
Negative-going input threshold voltage, differential
VIT–
−0.2(2)
V
input
Vhys
Input hysteresis (VIT+ – VIT–)
60
mV
VIK
Input clamp voltage, RE
SN75C1167
II = −18 mA
−1.5
V
VOH
High-level output voltage
VID = 200 mV,
IOH = −6 mA
3.8
4.2
V
VOL
Low-level output voltage
VID = −200 mV,
IOL = 6 mA
0.1
0.3
V
High-impedance-state output
IOZ
SN75C1167
VO = VCC or GND
±0.5
±5
µA
current
VI = 10 V
1.5
II
Line input current
Other input at 0 V
mA
VI = −10 V
−2.5
II
Enable input current, RE
SN75C1167
VI = VCC or GND
±1
µA
ri
Input resistance
VIC = −7 V to 7 V,
Other input at 0 V
4
17
k
VI = VCC or GND
4
6
ICC
Supply current (total package)
No load, Enabled
mA
VIH = 2.4 V or 0.5 V
(3)
5
9
(1)
All typical values are at VCC = 5 V and TA = 25°C.
(2)
The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this data sheet for
common-mode input voltage and threshold voltage levels only.
(3)
Refer to TIA/EIA-422-B for exact conditions.
Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
9
17
27
ns
See Figure 5
tPHL
Propagation delay time, high- to low-level output
9
17
27
ns
tTLH
Transition time, low- to high-level output
4
9
ns
VIC = 0 V, See Figure 5
tTHL
Transition time, high- to low-level output
4
9
ns
tPZH
Output enable time to high level
13
22
ns
tPZL
Output enable time to low level
13
22
ns
RL = 1 kW, See Figure 6
tPHZ
Output disable time from high level
13
22
ns
tPLZ
Output disable time from low level
13
22
ns
(1)
Measured per input while the other inputs are at VCC or GND
(2)
All typical values are at VCC = 5 V and TA = 25°C.
Copyright © 1993–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65C1167 SN75C1167 SN65C1168 SN75C1168


Similar Part No. - SN75C1167DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75C1167DBRG4 TI-SN75C1167DBRG4 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN75C1167DBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN65C1167 TI-SN65C1167_07 Datasheet
507Kb / 18P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN7534050 TI-SN7534050 Datasheet
471Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_09 Datasheet
606Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com