Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2543J Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UC2543J
Description  Power Supply Supervisory Circuit
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2543J Datasheet(HTML) 1 Page - Texas Instruments

  UC2543J Datasheet HTML 1Page - Texas Instruments UC2543J Datasheet HTML 2Page - Texas Instruments UC2543J Datasheet HTML 3Page - Texas Instruments UC2543J Datasheet HTML 4Page - Texas Instruments UC2543J Datasheet HTML 5Page - Texas Instruments UC2543J Datasheet HTML 6Page - Texas Instruments UC2543J Datasheet HTML 7Page - Texas Instruments UC2543J Datasheet HTML 8Page - Texas Instruments UC2543J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
DESCRIPTION
UC1543
,, UC1544
UC2543, UC2544
UC3543, UC3544
SLUS188A – APRIL 1997 – REVISED FEBRUARY 2007
Power Supply Supervisory Circuit
Both over- and under-voltage sensing circuits can be
externally programmed for minimum time duration of
• Includes Over-Voltage, Under-Voltage, and
fault before triggering. All functions contain open
Current Sensing Circuits
collector outputs which can be used independently or
• Internal 1% Accurate Reference
wire-or’ed together, and although the SCR trigger is
directly connected only to the over-voltage sensing
• Programmable Time Delays
circuit, it may be optionally activated by any of the
• SCR “Crowbar” Drive of 300 mA
other outputs, or from an external signal. The O.V.
• Remote Activation Capability
circuit also includes an optional latch and external
reset capability.
• Optional Over-Voltage Latch
• Uncommitted Comparator Inputs for Low
The UC1544/2544/3544 devices have the added
Voltage Sensing (UC1544 Series Only)
versatility of completely uncommitted inputs to the
voltage sensing comparators so that levels less than
2.5 V may be monitored by dividing down the internal
reference voltage. The current sense circuit may be
The monolithic integrated circuits contain all the
used with external compensation as a linear amplifier
functions necessary to monitor and control the output
or as a highgain comparator. Although nominally set
of
a
sophisticated
power
supply
system.
for zero input offset, a fixed threshold may be added
Over-voltage (O.V.) sensing with provision to trigger
with an external resistor. Instead of current limiting,
an
external
SCR
“crowbar”
shutdown;
an
this circuit may also be used as an additional voltage
undervoltage (U.V.) circuit which can be used to
monitor.
monitor either the output or to sample the input line
The reference generator circuit is internally trimmed
voltage; and a third op amp/comparator usable for
to eliminate the need for external potentiometers and
current sensing (C.L.) are all included in this device,
the entire circuit may be powered directly from either
together with an independent, accurate reference
the output being monitored or from a separate bias
generator.
voltage.
BLOCK DIAGRAM
NOTE:
For each terminal, first number refers to 1543 series, second to 1544 series.
*On 1543 series, this function is internally connected to VREF.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UC2543J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2543J TI1-UC2543J Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
UC2543J TI1-UC2543J Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
More results

Similar Description - UC2543J

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1543 SEME-LAB-IP1543 Datasheet
91Kb / 7P
   POWER SUPPLY SUPERVISORY CIRCUIT
logo
Texas Instruments
UC1543 TI1-UC1543_16 Datasheet
1Mb / 19P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI-UC1543 Datasheet
455Kb / 6P
[Old version datasheet]   Power Supply Supervisory Circuit
UC1543 TI1-UC1543_13 Datasheet
1Mb / 20P
[Old version datasheet]   Power Supply Supervisory Circuit
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543 MICROSEMI-SG1543_1 Datasheet
244Kb / 6P
   POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
logo
Maxim Integrated Produc...
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
logo
ON Semiconductor
MC3425 ONSEMI-MC3425 Datasheet
170Kb / 12P
   POWER SUPPLY SUPERVISORY/ OVER AND UNDERVOLTAGE PROTECTION CIRCUIT
1996 REV 2
logo
Unisonic Technologies
3521 UTC-3521_10 Datasheet
210Kb / 6P
   PWM CONTROLLER WITH SUPERVISORY CIRCUIT FOR SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com