Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC594DTG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74HC594DTG4
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC594DTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC594DTG4 Datasheet HTML 3Page - Texas Instruments SN74HC594DTG4 Datasheet HTML 4Page - Texas Instruments SN74HC594DTG4 Datasheet HTML 5Page - Texas Instruments SN74HC594DTG4 Datasheet HTML 6Page - Texas Instruments SN74HC594DTG4 Datasheet HTML 7Page - Texas Instruments SN74HC594DTG4 Datasheet HTML 8Page - Texas Instruments SN74HC594DTG4 Datasheet HTML 9Page - Texas Instruments SN74HC594DTG4 Datasheet HTML 10Page - Texas Instruments SN74HC594DTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SN54HC594, SN74HC594
8BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS040F − DECEMBER 1982 − REVISED OCTOBER 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC594
SN74HC594
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5
8
3.3
4
fmax
4.5 V
25
35
17
20
MHz
fmax
6 V
29
40
20
24
MHz
2 V
50
150
225
185
SRCLK
QH′
4.5 V
20
30
45
37
tpd
SRCLK
QH
6 V
15
25
38
31
ns
tpd
2 V
50
150
225
185
ns
RCLK
QA−QH
4.5 V
20
30
45
37
RCLK
QA−QH
6 V
15
25
38
31
2 V
50
150
225
185
SRCLR
QH′
4.5 V
20
30
45
37
tPHL
SRCLR
QH
6 V
15
25
38
31
ns
tPHL
2 V
50
125
185
155
ns
RCLR
QA−QH
4.5 V
20
25
37
31
RCLR
QA−QH
6 V
15
21
31
26
2 V
38
75
110
95
QH′
4.5 V
8
15
22
19
tt
QH
6 V
6
13
19
16
ns
tt
2 V
38
60
90
75
ns
QA−QH
4.5 V
8
12
18
15
QA−QH
6 V
6
10
15
13
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC594
SN74HC594
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
90
200
300
250
tpd
RCLK
QA−QH
4.5 V
23
40
60
50
ns
tpd
RCLK
QA−QH
6 V
19
34
51
43
ns
2 V
90
200
300
250
tPHL
RCLR
QA−QH
4.5 V
23
40
60
50
ns
tPHL
RCLR
QA−QH
6 V
19
34
51
43
ns
2 V
45
210
315
265
tt
QA−QH
4.5 V
17
42
63
53
ns
tt
QA−QH
6 V
13
36
53
45
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
395
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74HC594DTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC594DTG4 TI1-SN74HC594DTG4 Datasheet
1Mb / 26P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
More results

Similar Description - SN74HC594DTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com