Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3126DG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74CBT3126DG4
Description  QUADRUPLE FET BUS SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3126DG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74CBT3126DG4 Datasheet HTML 1Page - Texas Instruments SN74CBT3126DG4 Datasheet HTML 2Page - Texas Instruments SN74CBT3126DG4 Datasheet HTML 3Page - Texas Instruments SN74CBT3126DG4 Datasheet HTML 4Page - Texas Instruments SN74CBT3126DG4 Datasheet HTML 5Page - Texas Instruments SN74CBT3126DG4 Datasheet HTML 6Page - Texas Instruments SN74CBT3126DG4 Datasheet HTML 7Page - Texas Instruments SN74CBT3126DG4 Datasheet HTML 8Page - Texas Instruments SN74CBT3126DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SN74CBT3126
QUADRUPLE FET BUS SWITCH
SCDS020K − MAY 1995 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Standard ’126-Type Pinout (D, DB, DGV,
and PW Packages)
D 5-Ω Switch Connection Between Two Ports
D TTL-Compatible Input Levels
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OE
1A
1B
2OE
2A
2B
GND
VCC
4OE
4A
4B
3OE
3A
3B
D, DB, DGV, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
1OE
1A
1B
2OE
2A
2B
GND
VCC
4OE
4A
4B
3OE
3A
3B
NC
DBQ PACKAGE
(TOP VIEW)
NC − No internal connection
RGY PACKAGE
(TOP VIEW)
114
78
2
3
4
5
6
13
12
11
10
9
4OE
4A
4B
3OE
3A
1A
1B
2OE
2A
2B
description/ordering information
The SN74CBT3126 quadruple FET bus switch features independent line switches. Each switch is disabled
when the associated output-enable (OE) input is low.
To ensure the high-impedance state during power up or power down, OE should be tied to GND through a
pulldown resistor; the minimum value of the resistor is determined by the current-sourcing capability of the
driver.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
QFN − RGY
Tape and reel
SN74CBT3126RGYR
CU126
SOIC
D
Tube
SN74CBT3126D
CBT3126
SOIC − D
Tape and reel
SN74CBT3126DR
CBT3126
40
°Cto85°C
SSOP − DB
Tape and reel
SN74CBT3126DBR
CU126
−40
°C to 85°C
SSOP (QSOP) − DBQ
Tape and reel
SN74CBT3126DBQR
CU126
TSSOP
PW
Tube
SN74CBT3126PW
CU126
TSSOP − PW
Tape and reel
SN74CBT3126PWR
CU126
TVSOP − DGV
Tape and reel
SN74CBT3126DGVR
CU126
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design
guidelines are available at www.ti.com/sc/package.
FUNCTION TABLE
(each bus switch)
INPUT
OE
FUNCTION
L
Disconnect
H
A = B
Copyright
© 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74CBT3126DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3126DGV TI-SN74CBT3126DGV Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
More results

Similar Description - SN74CBT3126DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3125 TI-SN74CBT3125 Datasheet
64Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CB3Q3125 TI1-SN74CB3Q3125_15 Datasheet
1Mb / 26P
[Old version datasheet]   Quadruple FET Bus Switch
logo
NXP Semiconductors
CBT3126 PHILIPS-CBT3126 Datasheet
95Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Texas Instruments
SN74CB3T3125 TI-SN74CB3T3125 Datasheet
188Kb / 12P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
SN74CBT3126 TI-SN74CBT3126 Datasheet
63Kb / 4P
[Old version datasheet]   QUADRUPLE FET BUS SWITCH
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125_15 Datasheet
102Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Nexperia B.V. All right...
CBT3125 NEXPERIA-CBT3125 Datasheet
218Kb / 12P
   Quadruple FET bus switch
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
CBT3125 PHILIPS-CBT3125 Datasheet
96Kb / 10P
   Quadruple FET bus switch
2001 Dec 12
logo
Unisonic Technologies
U74CBT3126 UTC-U74CBT3126 Datasheet
196Kb / 5P
   QUADRUPLE FET BUS SWITCH
U74CBT3126 UTC-U74CBT3126_15 Datasheet
232Kb / 5P
   QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com