Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA-2RV2-A2 Datasheet(PDF) 10 Page - Honeywell Accelerometers

Part No. BA-2RV2-A2
Description  Basic Switches Standard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

BA-2RV2-A2 Datasheet(HTML) 10 Page - Honeywell Accelerometers

Back Button BA-2RV2-A2 Datasheet HTML 6Page - Honeywell Accelerometers BA-2RV2-A2 Datasheet HTML 7Page - Honeywell Accelerometers BA-2RV2-A2 Datasheet HTML 8Page - Honeywell Accelerometers BA-2RV2-A2 Datasheet HTML 9Page - Honeywell Accelerometers BA-2RV2-A2 Datasheet HTML 10Page - Honeywell Accelerometers BA-2RV2-A2 Datasheet HTML 11Page - Honeywell Accelerometers BA-2RV2-A2 Datasheet HTML 12Page - Honeywell Accelerometers BA-2RV2-A2 Datasheet HTML 13Page - Honeywell Accelerometers BA-2RV2-A2 Datasheet HTML 14Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Basic Switches
BZ/BA Series
Standard
For application help: call 1-800-537-6945.
Honeywell Sensing and Control
55
FLEXIBLE LEAF
ORDER GUIDE
Electrical
Data and
O.F. max.
R.F. min. P.T. max. O.T. min.
D.T. max.
O.P.**
UL Codes
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Recommended For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-2RL-A2
Force and stability of the
flexible leaf actuator
15 Amps
A
1,39
5
0,14
0.5
1,52
.060
1,27
.050
17,48
.688
BZ-2RL5551-A2
Dustproof and splash
resistant seal
15 Amps
A
1,95
7
0,14
0.5
1,52
.060
1,27
.050
17,48
.688
BZ-2RLT04
MIL-S-8805 application
requirements
15 Amps
A
1,39
5
0,14
0.5
1,52
.060
1,27
.050
17,48
.688
(M8805/1-001)
BZ-2RL24-A2
Operating in temperature
to
+250°F (121°C)
15 Amps
A
1,39
5
0,14
0.5
1,52
.060
1,27
.050
17,48
.688
BZ-RLX
Manual reset.
Solder terminals
15 Amps
E
0,83
3
1,57
.062
17,48
.688
0,38*
7,14*
.015
.281
BA-2RL-A2
Up to 20 ampere load
handling
20 Amps
G
2,5
9
0,28
1–
1,57
.062
1,57
.062
17,48
.688
BE-2RL-A4
Up to 25 ampere load
handling
25 Amps
H
2,5
9
0,28
1–
1,57
.062
1,57
.062
17,48
.688
BZ TYPE
Dim. Dwg. Fig. 33
BA/BE TYPE
Dim. Dwg. Fig. 34
FLEXIBLE
ORDER GUIDE
ROLLER LEAF
Electrical
Data and
O.F. max.
R.F. min. P.T. max. O.T. min.
D.T. max.
O.P.*
UL Codes
newtons
newtons
mm
mm
mm
mm
Catalog Listing
Recommended For
Page 46
ounces
ounces
inches
inches
inches
inches
BZ-RL24-A2
Operating in temp. to
+250°F (121°C)
for 100 hours
5 Amps
B
1,39
5
0,14
0.5
1,52
.060
1,27
.050
28,6
1.125
BZ-2RL2-A2
Force and stability of the
flexible leaf with roller
15 Amps
A
1,39
5
0,14
0.5
1,52
.060
1,27
.050
28,6
1.125
BZ-2RL25551-A2
Dustproof and splash
resistant seal
15 Amps
A
1,95
7
0,14
0.5
1,52
.060
1,27
.050
28,6
1.125
BZ-2RL2T04
MIL-S-8805 application
requirements
15 Amps
A
1,04-1,39
3.75-5
0,14
0.5
1,52
.060
1,27
.050
28,6
1.125
(M8805/1-036)
BA-2RL2-A2
Up to 20 ampere load
handling
20 Amps
G
2,5
9
0,28
1–
1,52
.060
1,65
.065
28,6
1.125
BE-2RL2-A4
Up to 25 ampere load
handling
25 Amps
H
2,5
9
0,28
1–
1,52
.060
1,65
.065
28,6
1.125
* Reset characteristics
**
±0.76 mm
±.030 in.
BZ TYPE
Dim. Dwg. Fig. 35
BA/BE TYPE
Dim. Dwg. Fig. 36


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn