Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3717J Datasheet(PDF) 1 Page - Texas Instruments

Part # UC3717J
Description  Stepper Motor Drive Circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3717J Datasheet(HTML) 1 Page - Texas Instruments

  UC3717J Datasheet HTML 1Page - Texas Instruments UC3717J Datasheet HTML 2Page - Texas Instruments UC3717J Datasheet HTML 3Page - Texas Instruments UC3717J Datasheet HTML 4Page - Texas Instruments UC3717J Datasheet HTML 5Page - Texas Instruments UC3717J Datasheet HTML 6Page - Texas Instruments UC3717J Datasheet HTML 7Page - Texas Instruments UC3717J Datasheet HTML 8Page - Texas Instruments UC3717J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
7/95
Half-step and Full-step Capability
Bipolar Constant Current Motor Drive
Built-in Fast Recovery Schottky
Commutating Diodes
Wide Range of Current Control 5-1000mA
Wide Voltage Range 10-45V
Designed for Unregulated Motor Supply
Voltage
Current Levels can be Selected in Steps
or Varied Continuously
Thermal Overload Protection
Stepper Motor Drive Circuit
The UC3717 has been designed to control and drive the current in
one winding of a bipolar stepper motor. The circuit consists of an LS-
TTL-compatible logic input, a current sensor, a monostable and an
output stage with built-in protection diodes. Two UC3717s and a few
external components form a complete control and drive unit for LS-
TTL or micro-processor controlled stepper motor systems.
The UC1717 is characterized for operation over the full military tem-
perature range of -55°C to +125°C, the UC2717 is characterized for
-25°C to +85°C, and the UC3717 is characterized for 0°C to +70°C.
UC1717
UC2717
UC3717
BLOCK DIAGRAM
FEATURES
DESCRIPTION
Voltage
Logic Supply, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Output Supply, VM . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45V
Input Voltage
Logic Inputs (Pins 7, 8, 9). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Analog Input (Pin 10) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Vcc
Reference Input (Pin 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
Input Current
Logic Inputs (Pins 7, 8, 9) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10mA
Analog Inputs (Pins 10, 11) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -10mA
Output Current (Pins 1, 15) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±1A
Junction Temperature, TJ. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature Range, TS . . . . . . . . . . . . . . . . . . -55°C to +150°C
ABSOLUTE MAXIMUM RATINGS (Note 1)
Note 1: All voltages are with respect to ground, Pins
4,5, 12, 13. Pin numbers refer to DIL-16 package. Cur-
rents are positive into, negative out of the specified ter-
minal.
Note 2: Consult Packaging Section of Databook for in-
formation on thermal limitations and considerations of
package.


Similar Part No. - UC3717J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3717J TI-UC3717J Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Similar Description - UC3717J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
SLUS369 TI1-SLUS369 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC3717A TI1-UC3717A_9 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com