Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC2524DW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. UC2524DW
Description  ADVANCED REGULATING PULSE WIDTH MODULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

UC2524DW Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC2524DW Datasheet HTML 3Page - Texas Instruments UC2524DW Datasheet HTML 4Page - Texas Instruments UC2524DW Datasheet HTML 5Page - Texas Instruments UC2524DW Datasheet HTML 6Page - Texas Instruments UC2524DW Datasheet HTML 7Page - Texas Instruments UC2524DW Datasheet HTML 8Page - Texas Instruments UC2524DW Datasheet HTML 9Page - Texas Instruments UC2524DW Datasheet HTML 10Page - Texas Instruments UC2524DW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
1
2
15
INV INPUT
NON INV INPUT
16
6
VREF
RT
7
3
10
12
11
13
4
5
9
CA
EA
CB
EB
CLSENSE(+)
CLSENSE(−)
COMP
8
GND
+
2N4150
2N4150
20T
20T
5T
5T
CT
SD
OSC OUT
14
5 k
V+
+28 V
VIN
UC1524
1 k
1 W
1 k
1 W
100
100
0.001 mF
500 mF
50 k
0.1 k
1500 mF
5 V
5 A
5 k
2 k
0.1 mF
0.1 mF
5 k
5 k
IS
VIN
Osc. OUT
VREF
VIN
8-40 V
15
3
16
8
6
7
2
1
9
10
4
5
4
11
13
12
2 k
1 W
2 k
1 W
0.1
R1
C1
RAMP
N.I.
INPUT
INV.
INPUT
COMP
SHUT
Down
CURRENT
LIMET
2 k
2 k
10 k
1 k
1 k
10 k
OUTPUT
UC1524
UC1524
UC2524
UC3524
SLUS180E – NOVEMBER 1999 – REVISED OCTOBER 2005
Figure 7. Push-Pull Transformer Coupled Circuit
Figure 8. Open Loop Test Circuit
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn