Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61199NSR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61199NSR
Description  White LED Driver for LCD Monitors Backlighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61199NSR Datasheet(HTML) 3 Page - Texas Instruments

  TPS61199NSR Datasheet HTML 1Page - Texas Instruments TPS61199NSR Datasheet HTML 2Page - Texas Instruments TPS61199NSR Datasheet HTML 3Page - Texas Instruments TPS61199NSR Datasheet HTML 4Page - Texas Instruments TPS61199NSR Datasheet HTML 5Page - Texas Instruments TPS61199NSR Datasheet HTML 6Page - Texas Instruments TPS61199NSR Datasheet HTML 7Page - Texas Instruments TPS61199NSR Datasheet HTML 8Page - Texas Instruments TPS61199NSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
TPS61199
www.ti.com
SLVSAN3 A
– DECEMBER 2010 – REVISED MAY 2011
ELECTRICAL CHARACTERISTICS
VIN = 12V; TA = –40°C to +85°C, typical values are at TA = +25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
8
30
V
VUVLO_VIN
Under voltage lockout threshold
VIN falling
6.5
7
V
VVIN_SYS
VIN hysteresis
VIN rising
300
mV
EN=high; PWM = low;
Iq_VIN
Operating quiescent current into Vin
1.5
mA
no switching, VIN=30V
ISD
Shutdown current
10
µA
VDD
Internal regulation voltage
Output current of VDD = 15mA
5.7
6.0
6.3
V
EN and PWM
VH
Logic high threshold on EN,PWM,
VIN = 8V to 30V
2.0
V
VL
Logic Low threshold on EN,PWM,
VIN = 8V to 30V
0.8
V
RPD
Pull down resistor on EN, PWM
400
800
1600
k
Ω
CURRENT REGULATION
VISET
ISET pin voltage
1.204
1.229
1.253
V
KISET
Current multiple IIFB(AVG)/Iset
IISET = 30µA; IFB = 450mV
1990
IFB
Current accuracy to IIFB(AVG)
IISET = 30µA; IFB = 450mV
-2%
2%
IFB(BR)
(1)
Current matching
IISET= 30µA; IFB = 450mV
3%
IFBleak
IFB pin leakage current
IFB voltage = 30V; PWM = low
10
25
45
µA
IIFB_max
Current sink max output current
IFB = 450mV
70
mA
OSCILLATOR
R = 100 k
Ω
0.66
0.8
0.94
FOSC
Switching frequency
MHz
R = 160 k
Ω
0.44
0.5
0.56
VFSW
FSW pin reference voltage
1.229
V
Dutymax
Maximum duty cycle
FSW= 500 kHz
90%
94%
tskip
Minimum pulse width for skip cycle mode
200
ns
GATE DRIVER and OVER CURRENT LIMIT
RGDRV(SRC)
Gate driver impedance when sourcing
VGDRV = 6V, IGDRV = 20mA
2
Ω
RGDRV(SNK)
Gate driver impedance when sinking
VGDRV = 6V, IGDRV = 20mA
1.5
Ω
VISNS
Switch current limit detection threshold
VIN = 8V to 30V
120
160
180
mV
PROTECTION
VCLAMP
Output overvoltage threshold at OVP pin
2.77
2.95
3.13
V
LED short across protection bias current multiple
IFBP
VFBP = 1V
0.23
0.25
0.27
IFBP/IISET
VOVP_IFB
IFB overvoltage threshold
26.5
29.5
V
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
150
°C
(1)
Current matching = (IMAX – IMIN)/ IAVG
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS61199


Similar Part No. - TPS61199NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
More results

Similar Description - TPS61199NSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
   White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
   White LED Driver For Large Size TV Backlighting
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com