Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM25C040LVM8X Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # NM25C040LVM8X
Description  4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM25C040LVM8X Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NM25C040LVM8X Datasheet HTML 1Page - Fairchild Semiconductor NM25C040LVM8X Datasheet HTML 2Page - Fairchild Semiconductor NM25C040LVM8X Datasheet HTML 3Page - Fairchild Semiconductor NM25C040LVM8X Datasheet HTML 4Page - Fairchild Semiconductor NM25C040LVM8X Datasheet HTML 5Page - Fairchild Semiconductor NM25C040LVM8X Datasheet HTML 6Page - Fairchild Semiconductor NM25C040LVM8X Datasheet HTML 7Page - Fairchild Semiconductor NM25C040LVM8X Datasheet HTML 8Page - Fairchild Semiconductor NM25C040LVM8X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
www.fairchildsemi.com
NM25C040 Rev. D.1
NM25C040
4K-Bit Serial CMOS EEPROM
(Serial Peripheral Interface (SPI) Synchronous Bus)
General Description
The NM25C040 is a 4096-bit CMOS EEPROM with an SPI
compatible serial interface. The NM25C040 is designed for data
storage in applications requiring both non-volatile memory and in-
system data updates. This EEPROM is well suited for applications
using the 68HC11 series of microcontrollers that support the SPI
interface for high speed communication with peripheral devices
via a serial bus to reduce pin count. The NM25C040 is imple-
mented in Fairchild Semiconductor’s floating gate CMOS process
that provides superior endurance and data retention.
The serial data transmission of this device requires four signal
lines to control the device operation: Chip Select (CS), Clock
(SCK), Data In (SI), and Serial Data Out (SO). All programming
cycles are completely self-timed and do not require an erase
before WRITE.
BLOCK WRITE protection is provided by programming the STA-
TUS REGISTER with one of four levels of write protection.
Additionally, separate WRITE enable and WRITE disable instruc-
tions are provided for data protection.
Hardware data protection is provided by the WP pin to protect
against inadvertent programming. The HOLD pin allows the serial
communication to be suspended without resetting the serial
sequence.
Block Diagram
March 1999
Features
s 2.1 MHz clock rate @ 2.7V to 5.5V
s 4096 bits organized as 512 x 8
s Multiple chips on the same 3-wire bus with separate chip
select lines
s Self-timed programming cycle
s Simultaneous programming of 1 to 4 bytes at a time
s Status register can be polled during programming to monitor
READY/BUSY
s Write Protect (WP) pin and write disable instruction for both
hardware and software write protection
s Block write protect feature to protect against accidental
writes
s Endurance: 1,000,000 data changes
s Data retention greater than 40 years
s Packages available: 8-pin DIP, 8-pin SO, or 8-pin TSSOP
DS012401-1
© 1999 Fairchild Semiconductor Corporation
Instruction
Decoder
Control Logic
and Clock
Generators
High Voltage
Generator
and
Program
Timer
Instruction
Register
Program
Enable
Data In/Out Register
8 Bits
Data Out
Buffer
Non-Volatile
Status Register
Decoder
1 of 512
Address
Counter/
Register
EEPROM Array
4096 Bits
(512 x 8)
Read/Write Amps
CS
HOLD
SCK
VCC
VSS
VPP
WP
SI
SO


Similar Part No. - NM25C040LVM8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
NM25C04LEM8 NSC-NM25C04LEM8 Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
NM25C04LEN NSC-NM25C04LEN Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
NM25C04LM8 NSC-NM25C04LM8 Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
More results

Similar Description - NM25C040LVM8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C041 FAIRCHILD-NM25C041 Datasheet
79Kb / 10P
   4K-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface (SPI?? Synchronous Bus)
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
   16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C020 FAIRCHILD-NM25C020 Datasheet
108Kb / 10P
   2K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
   64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
National Semiconductor ...
NM25C04L NSC-NM25C04L Datasheet
177Kb / 12P
   4096-Bit Serial Interface CMOS EEPROM (Serial Peripheral Interface Synchronous Bus)
logo
Fairchild Semiconductor
FM25C040U FAIRCHILD-FM25C040U Datasheet
105Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
FM25C041U FAIRCHILD-FM25C041U Datasheet
103Kb / 11P
   4K-Bit SPI??Interface Serial CMOS EEPROM
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66A FAIRCHILD-FM93C66A Datasheet
117Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
25LC040P MICROCHIP-25LC040P Datasheet
421Kb / 22P
   4K SPI Bus Serial EEPROM
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com