Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD5620 Datasheet(PDF) 11 Page - Honeywell Accelerometers

Part # SD5620
Description  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SD5620 Datasheet(HTML) 11 Page - Honeywell Accelerometers

Back Button SD5620 Datasheet HTML 7Page - Honeywell Accelerometers SD5620 Datasheet HTML 8Page - Honeywell Accelerometers SD5620 Datasheet HTML 9Page - Honeywell Accelerometers SD5620 Datasheet HTML 10Page - Honeywell Accelerometers SD5620 Datasheet HTML 11Page - Honeywell Accelerometers SD5620 Datasheet HTML 12Page - Honeywell Accelerometers SD5620 Datasheet HTML 13Page - Honeywell Accelerometers SD5620 Datasheet HTML 14Page - Honeywell Accelerometers SD5620 Datasheet HTML 15Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
www.honeywell.com/sensing
11
Benefits:
An infrared emitter facing
a phototransistor. Phototransistor
switching takes place whenever an
opaque object passes through the slot
between emitter and detector. Employs
a built-in strain relief for maximum wire
attachment strength. Utilizes an IR
transmissive polysulfone housing which
features smooth optical faces without
external aperture openings; desirable
when aperture blockage from airborne
contaminants is a possibility.
HOA1870.
Features:
Choice of phototransistor or
photodarlington output • Often accurate
position sensing • 1,78 mm [0.07 in] slot
width • 18 in [457 mm] min. 22 AWG
UL 1007 wire leads • Plastic-molded
components • Narrow dual 0.006 in
wide apertures over emitter and detector
provide sharp switch point/high resolution
Benefits:
An infrared emitter facing
a phototransistor or photodarlington.
Detector switching takes place whenever
an opaque object passes through the slot
between emitter and detector. Lead wires
provide alternate electrical connection
when PC board mounting is not possible.
Often ideal for use in potential applications
in which maximum position resolution is
desired.
OPTOSCHMITT DETECTORS
SD5600/SD5610.
Features:
TO-46 metal-can package
• 6° (nominal) acceptance angle •
Enhanced noise immunity output •
TTL/LSTTL/CMOS compatible • Buffer
(SD5600) or inverting (SD5610) logic
available • Mechanically and spectrally
matched to SE3450/5450, SE3455/5455,
and SE3470/5470 infrared emitters
Benefits:
Single chip Optoschmitt IC
detectors mounted in a TO-46 metal-can
package. Photodetector consists of a
photodiode, amplifier, voltage regulator,
Schmitt trigger, and an NPN output
transistor with 10 kOhm (nominal) pull-
up resistor. Output rise and fall times
are independent of the rate of change
of incident light. Detector sensitivity has
been internally temperature compensated.
Often suited for operating in hostile
environments. Potential applications
include presence sensing, motion
sensing, position encoding, limit sensing,
movement detection, and counting.
SD5620/SD5630.
Features:
TO-46 metal-can package
• 6° (nominal) acceptance angle • TTL/
LSTTL/CMOS compatible • Enhanced
noise immunity output • Buffer (SD5620)
or inverting (SD5630) logic available •
Two sensitivity ranges • Mechanically
and spectrally matched to SE3450/5450,
SE3455/5455, and SE3470/5470 infrared
emitters
Benefits:
Single chip Optoschmitt IC
detectors mounted in a TO-46 metal-can
package. Photodetector consists of a
photodiode, amplifier, voltage regulator,
Schmitt trigger, and an NPN output
transistor with 10 kOhm (nominal) pull-
up resistor. Output rise and fall times
are independent of the rate of change
of incident light. Detector sensitivity has
been internally temperature compensated.
Often suited for operating in hostile
environments. Potential applications
include presence sensing, motion
sensing, position encoding, limit sensing,
movement detection, and counting.
SDP8600/SDP8610.
Features:
Side-looking plastic package
• 55° (nominal) acceptance angle
• Wide sensitivity ranges • TTL/LSTTL/
CMOS compatible • Buffer (SDP8600) or
inverting (SDP8610) logic available
• Three different lead spacing
arrangements: inline, offset pin circle,
and offset center lead • Mechanically
and spectrally matched to SEP8506 and
SEP8706 infrared emitters
Benefits:
Single chip Optoschmitt IC
detectors molded in a side-looking black
plastic package to minimize the effect
of visible ambient light. Photodetector
consists of a photodiode, amplifier, voltage
regulator, Schmitt trigger, and an NPN
output transistor with a 10 kOhm (nominal)
pull-up resistor. Output rise and fall times
are independent of the rate of change
of incident light. Detector sensitivity has
been internally temperature compensated.
Potential applications include presence
sensing, motion sensing, position
encoding, limit sensing, movement
detection, and counting.
OPTOSCHMITT SENSORS
(TRANSMISSIVE)
HOA096X/HOA097X
.
Features:
Direct TTL interface • Often
accurate position sensing • Four mounting
configurations • Buffer or inverting logic
available • Choice of detector aperture,
mounting tab configurations, and housing
material • 0.125 in [3.18 mm] slot width
• Plastic-molded components
Benefits:
Infrared emitter facing an
Optoschmitt detector. Detector switching
takes place whenever an opaque object
passes through the slot between emitter
and detector. Photodetector consists
of a photodiode, amplifier, voltage
regulator, Schmitt trigger, and an NPN
output transistor with 10 kOhm (nominal)
pull-up resistor. HOA096X series utilizes
an IR transmissive polysulfone housing
which features smooth optical faces
without external aperture openings;
desirable when aperture blockage from
airborne contaminants is a possibility.
The HOA097X series employs an opaque
polysulfone housing with aperture
openings for use in potential applications
where maximum rejection of ambient light
is important and in situations in which
maximum position resolution is desired.
Potential applications include presence
sensing, motion sensing, position
encoding, limit sensing, movement
detection, and counting.
HOA696X/HOA697X
.
Features:
Direct TTL interface • Buffer
or inverting logic available • Three
device output options • Four mounting
configurations • Choice of detector
aperture, mounting tab configurations,
Unless otherwise noted,
potential applications include printers and copiers, motion control systems, metering systems, liquid-level
sensing, data storage systems, scanning, automated transaction, drop sensors, and other noninvasive medical equipment.


Similar Part No. - SD5620

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SD5620 ETC1-SD5620 Datasheet
257Kb / 2P
   Hermetic Optoschmitts
logo
Honeywell Accelerometer...
SD5620 HONEYWELL-ACC-SD5620 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Similar Description - SD5620

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-011 HONEYWELL-ACC-HOA0901-011 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com