Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NM24C05LVMT8 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # NM24C05LVMT8
Description  4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM24C05LVMT8 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button NM24C05LVMT8 Datasheet HTML 2Page - Fairchild Semiconductor NM24C05LVMT8 Datasheet HTML 3Page - Fairchild Semiconductor NM24C05LVMT8 Datasheet HTML 4Page - Fairchild Semiconductor NM24C05LVMT8 Datasheet HTML 5Page - Fairchild Semiconductor NM24C05LVMT8 Datasheet HTML 6Page - Fairchild Semiconductor NM24C05LVMT8 Datasheet HTML 7Page - Fairchild Semiconductor NM24C05LVMT8 Datasheet HTML 8Page - Fairchild Semiconductor NM24C05LVMT8 Datasheet HTML 9Page - Fairchild Semiconductor NM24C05LVMT8 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
www.fairchildsemi.com
NM24C04/05 Rev. G
SDA
SCL
Master
Transmitter/
Receiver
Slave
Transmitter/
Receiver
Master
Transmitter
Slave
Receiver
Master
Transmitter/
Receiver
VCC
VCC
SDA
SCL
NM24C02/03
VCC
VCC
A0 A1 A2 VSS
NM24C02/03
A0 A1 A2 VSS
NM24C04/05
A1 A2 VSS
NM24C08/09
A2 VSS
VCC
To
V
SS
To
V
SS
To
V
SS
VCC
VCC
VCC
To
V
CC
To
V
SS
To
V
SS
To
V
CC
To
V
SS
To
V
CC
Typical System Configuration
Note:
Due to open drain configuration of SDA and SCL, a bus-level pull-up resistor is called for, (typical value = 4.7k
Ω)
Example of 16K of Memory on 2-Wire Bus
Note:
The SDA pull-up resistor is required due to the open-drain/open collector output of IIC bus devices.
The SCL pull-up resistor is recommended because of the normal SCL line inactive 'high' state.
It is recommended that the total line capacitance be less than 400pF
Device
Address Pins Present
Memory Size
# of Page
A0
A1
A2
Blocks
NM24C02/03
Yes
Yes
Yes
2048 Bits
1
NM24C04/05
No
Yes
Yes
4096 Bits
2
NM24C08/09
No
No
Yes
8192 Bits
4
NM24C16/17
No
No
No
16,384 Bits
8
DS500070-7
DS500070-8
DS500070-6
SDA
SCL
STOP
CONDITION
START
CONDITION
WORD n
8th BIT
ACK
tWR
Write Cycle Timing
Note:
The write cycle time (t
WR) is the time from a valid stop condition of a write sequence to the end of the internal erase/program cycle.


Similar Part No. - NM24C05LVMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C05U FAIRCHILD-NM24C05U Datasheet
89Kb / 13P
   EEPROM 2-Wire Bus Interface
More results

Similar Description - NM24C05LVMT8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM24C04U FAIRCHILD-FM24C04U Datasheet
105Kb / 14P
   4K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C16U FAIRCHILD-FM24C16U Datasheet
103Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08 FAIRCHILD-NM24C08 Datasheet
104Kb / 14P
   8K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C128 FAIRCHILD-FM24C128 Datasheet
102Kb / 13P
   128K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C64 FAIRCHILD-FM24C64 Datasheet
100Kb / 13P
   64K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C16 FAIRCHILD-NM24C16 Datasheet
102Kb / 14P
   16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C32U FAIRCHILD-FM24C32U Datasheet
85Kb / 13P
   32K-Bit Standard 2-Wire Bus Interface Serial EEPROM
FM24C02U FAIRCHILD-FM24C02U Datasheet
105Kb / 14P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com