Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3123D2PWPRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPA3123D2PWPRG4
Description  25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3123D2PWPRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPA3123D2PWPRG4 Datasheet HTML 3Page - Texas Instruments TPA3123D2PWPRG4 Datasheet HTML 4Page - Texas Instruments TPA3123D2PWPRG4 Datasheet HTML 5Page - Texas Instruments TPA3123D2PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA3123D2PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA3123D2PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA3123D2PWPRG4 Datasheet HTML 9Page - Texas Instruments TPA3123D2PWPRG4 Datasheet HTML 10Page - Texas Instruments TPA3123D2PWPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
P
− OutputPower − W
O
R =8
(SE)
Gain=20dB
L
W
1
10
0.01
0.1
10m
100m
1
10
40
V
=12V
CC
V
=24V
CC
V
=18V
CC
-100
20
100
1k
20k
f − Frequency − Hz
10k
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
RtoL
L toR
V
=18V
V
=1Vrms
R =4
(SE)
Gain=20dB
CC
O
L
W
-300
200
-200
-100
0
100
0
20
5
10
15
20
100k
100 200
1k 2k
10k 20k
f − Frequency − Hz
Gain
Phase
V
=24V
R =4
(SE)
Gain=20dB
L
=33 H
C
=1 F
C
=470 F
CC
L
filt
filt
dc
W
m
m
m
-100
20
100
1k
20k
f − Frequency − Hz
10k
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
L toR
RtoL
V
=18V,
V
=1V,
R =8
,
Gain=20dB
CC
O
L
W
TPA3123D2
www.ti.com
SLOS541C – JULY 2007 – REVISED AUGUST 2010
TYPICAL CHARACTERISTICS (continued)
All tests are made at frequency = 1 kHz unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
CROSSTALK
vs
vs
OUTPUT POWER
FREQUENCY
Figure 5.
Figure 6.
CROSSTALK
GAIN/PHASE
vs
vs
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
Copyright © 2007–2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :TPA3123D2


Similar Part No. - TPA3123D2PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3123D2PWPR TI-TPA3123D2PWPR Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3123D2PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3123D2 TI-TPA3123D2_15 Datasheet
911Kb / 31P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2 Datasheet
752Kb / 23P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3120D2 TI-TPA3120D2_07 Datasheet
825Kb / 27P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3123D2 TI-TPA3123D2 Datasheet
895Kb / 29P
[Old version datasheet]   25-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3121D2 TI1-TPA3121D2_16 Datasheet
1Mb / 32P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3124D2 TI1-TPA3124D2_16 Datasheet
805Kb / 29P
[Old version datasheet]   15-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3100D2 TI1-TPA3100D2_17 Datasheet
1Mb / 41P
[Old version datasheet]   20-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com