Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3125D2 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3125D2
Description  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3125D2 Datasheet(HTML) 2 Page - Texas Instruments

  TPA3125D2 Datasheet HTML 1Page - Texas Instruments TPA3125D2 Datasheet HTML 2Page - Texas Instruments TPA3125D2 Datasheet HTML 3Page - Texas Instruments TPA3125D2 Datasheet HTML 4Page - Texas Instruments TPA3125D2 Datasheet HTML 5Page - Texas Instruments TPA3125D2 Datasheet HTML 6Page - Texas Instruments TPA3125D2 Datasheet HTML 7Page - Texas Instruments TPA3125D2 Datasheet HTML 8Page - Texas Instruments TPA3125D2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
PVCCL
SD
MUTE
LIN
RIN
BYPASS
AGND
AGND
PVCCR
VCLAMP
PGNDL
LOUT
BSL
AVCC
AVCC
GAIN0
GAIN1
BSR
ROUT
PGNDR
TPA3125D2
SLOS611 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DUAL INLINE PACKAGE
(TOP VIEW)
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
20-PIN
NAME
(DIP)
PVCCL
1
Power supply for left channel H-bridge.
Shutdown signal for IC (low = outputs disabled, high = operational). TTL logic levels with
SD
2
I
compliance to AVCC.
Mute signal for quick disable/enable of outputs (high = outputs switch at 50% duty cycle; low =
MUTE
3
I
outputs enabled). TTL logic levels with compliance to AVCC.
LIN
4
I
Audio input for left channel.
RIN
5
I
Audio input for right channel.
Reference for pre-amplifier inputs. Nominally equal to AVCC/8. Also controls start-up time via
BYPASS
6
O
external capacitor sizing.
AGND
7
Analog ground for digital/analog cells in core.
AGND
8
Analog ground for digital/analog cells in core.
VCLAMP
9
Internally generated voltage supply for bootstrap capacitors.
PVCCR
10
Power supply for right channel H-bridge.
PGNDR
11
Power ground for right channel H-bridge.
ROUT
12
O
Class-D H-bridge negative output for right channel.
BSR
13
I
Bootstrap input for right channel.
GAIN1
14
I
Gain select most significant bit. TTL logic levels with compliance to AVCC.
GAIN0
15
I
Gain select least significant bit. TTL logic levels with compliance to AVCC.
AVCC
16, 17
High-voltage analog power supply. Not internally connected to PVCCR or PVCCL .
BSL
18
I
Bootstrap input for left channel.
LOUT
19
O
Class-D H-bridge positive output for left channel.
PGNDL
20
Power ground for left channel H-bridge.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPA3125D2


Similar Part No. - TPA3125D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - TPA3125D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2 Datasheet
2Mb / 33P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com