Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP275AIDG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMP275AIDG4
Description  0.5 C Digital Out Temperature Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP275AIDG4 Datasheet(HTML) 2 Page - Texas Instruments

  TMP275AIDG4 Datasheet HTML 1Page - Texas Instruments TMP275AIDG4 Datasheet HTML 2Page - Texas Instruments TMP275AIDG4 Datasheet HTML 3Page - Texas Instruments TMP275AIDG4 Datasheet HTML 4Page - Texas Instruments TMP275AIDG4 Datasheet HTML 5Page - Texas Instruments TMP275AIDG4 Datasheet HTML 6Page - Texas Instruments TMP275AIDG4 Datasheet HTML 7Page - Texas Instruments TMP275AIDG4 Datasheet HTML 8Page - Texas Instruments TMP275AIDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TMP275
SBOS363D − JUNE 2006 − REVISED AUGUST 2007
www.ti.com
2
ABSOLUTE MAXIMUM RATINGS(1)
Power Supply, V+
7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage(2)
−0.5V to 7.0V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current
10mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range
−55
°C to +127°C
. . . . . . . . . . . . . . .
Storage Temperature Range
−60
°C to +130°C
. . . . . . . . . . . . . . . . .
Junction Temperature (TJ max)
+150
°C
. . . . . . . . . . . . . . . . . . . . . .
ESD Rating:
Human Body Model (HBM)
4000V
. . . . . . . . . . . . . . . . . . . . . . .
Charged Device Model (CDM)
1000V
. . . . . . . . . . . . . . . . . . . .
Machine Model (MM)
300V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not supported.
(2) Input voltage rating applies to all TMP275 input voltages.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
TMP275
MSOP-8
DGK
T275
TMP275
SO-8
D
TMP275
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.
PIN ASSIGNMENTS
Top View
NOTE: Pin 1 is determined by orienting the package as indicated in the diagram.
SDA
SCL
ALERT
GND
V+
A0
A1
A2
1
2
3
4
8
7
6
5
MSOP−8, SO−8


Similar Part No. - TMP275AIDG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP275AIDGKR BURR-BROWN-TMP275AIDGKR Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKRG4 BURR-BROWN-TMP275AIDGKRG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKT BURR-BROWN-TMP275AIDGKT Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
TMP275AIDGKTG4 BURR-BROWN-TMP275AIDGKTG4 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
More results

Similar Description - TMP275AIDG4

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31725 MAXIM-MAX31725 Datasheet
1Mb / 15P
   ±0.5°C Local Temperature Sensor
Rev 0; 9/12
logo
Burr-Brown (TI)
TMP275 BURR-BROWN-TMP275 Datasheet
233Kb / 14P
   0.5째C Digital Out Temperature Sensor
logo
NXP Semiconductors
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
   I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
P3T1755 NXP-P3T1755 Datasheet
553Kb / 43P
   I3C, I2C-bus interface, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 4 January 2023
logo
Burr-Brown (TI)
TMP401 BURR-BROWN-TMP401 Datasheet
297Kb / 24P
   1C Programmable, Remote/Local, Digital Out TEMPERATURE SENSOR
logo
Texas Instruments
TMP141AIDGKRG4 TI-TMP141AIDGKRG4 Datasheet
651Kb / 24P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
TMP141 TI-TMP141 Datasheet
295Kb / 19P
[Old version datasheet]   Digital Out Temperature Sensor with Single-Wire SensorPath Bus
logo
Microchip Technology
MCP9804 MICROCHIP-MCP9804_V01 Datasheet
1Mb / 52P
   ±0.25°C Typical Accuracy Digital Temperature Sensor
Revision D April 2018
logo
Analog Devices
ADT7302 AD-ADT7302_05 Datasheet
276Kb / 16P
   짹2 C Accurate, Micropower Digital Temperature Sensor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com