Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APS00A Datasheet(PDF) 5 Page - Honeywell Accelerometers

Part No. APS00A
Description  High Resolution Magnetic Angular Position Sensor IC
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONEYWELL-ACC [Honeywell Accelerometers]
Homepage  http://www.inertialsensor.com
Logo 

APS00A Datasheet(HTML) 5 Page - Honeywell Accelerometers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Honeywell Sensing and Control
5
Figure 7. Mounting Dimensions (All dimensions for reference only: mm/[in].)
SOIC-8 Package
Tape
Standard Reel (178 mm [7 in])
Large Reel (330 mm [13 in])
APS00M Magnet
Magnetization
Direction
23,5 Dia.
[0.93]
11,0
[0.43]
3,35
[0.13]


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn