Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1451CNS Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL1451CNS
Description  SUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1451CNS Datasheet(HTML) 3 Page - Texas Instruments

  TL1451CNS Datasheet HTML 1Page - Texas Instruments TL1451CNS Datasheet HTML 2Page - Texas Instruments TL1451CNS Datasheet HTML 3Page - Texas Instruments TL1451CNS Datasheet HTML 4Page - Texas Instruments TL1451CNS Datasheet HTML 5Page - Texas Instruments TL1451CNS Datasheet HTML 6Page - Texas Instruments TL1451CNS Datasheet HTML 7Page - Texas Instruments TL1451CNS Datasheet HTML 8Page - Texas Instruments TL1451CNS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
TL1451A
DUAL PULSEWIDTHMODULATION CONTROL CIRCUITS
SLVS024E – FEBRUARY 1983 – REVISED NOVEMBER 1999
3
www.ti.com
absolute maximum ratings over operating free-air temperature range
Supply voltage, VCC
51 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Amplifier input voltage, VI
20 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector output voltage, VO
51 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector output current, IO
21 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power total dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA C suffix
–20
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Q suffix
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
M suffix
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
1088 mW
8.7 mW/
°C
696 mW
566 mW
218 mW
DB
775 mW
6.2 mW/
°C
496 mW
403 mW
N
1000 mW
8.0 mW/
°C
640 mW
520 mW
NS
500 mW
4.0 mW/
°C
320 mW
260 mW
PW
838 mW
6.7 mW/
°C
536 mW
436 mW
168 mW
FK
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
J
1375 mW
11.0 mW/
°C
880 mW
715 mW
275 mW
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VCC
3.6
50
V
Amplifier input voltage, VI
1.05
1.45
V
Collector output voltage, VO
50
V
Collector output current, IO
20
mA
Current into feedback terminal
45
µA
Feedback resistor, RF
100
k
Timing capacitor, CT
150
15000
pF
Timing resistor, RT
5.1
100
k
Oscillator frequency
1
500
kHz
C suffix
–20
85
Operating free-air temperature, TA
Q suffix
–40
125
°C
g, A
M suffix
–55
125


Similar Part No. - TL1451CNS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1451CNS TI-TL1451CNS Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451CNSG4 TI-TL1451CNSG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL1451CNSR TI-TL1451CNSR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - TL1451CNS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com