Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB8N50E Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTB8N50E
Description  TMOS POWER FET 8.0 AMPERES 500 VOLTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTB8N50E Datasheet(HTML) 2 Page - Motorola, Inc

  MTB8N50E Datasheet HTML 1Page - Motorola, Inc MTB8N50E Datasheet HTML 2Page - Motorola, Inc MTB8N50E Datasheet HTML 3Page - Motorola, Inc MTB8N50E Datasheet HTML 4Page - Motorola, Inc MTB8N50E Datasheet HTML 5Page - Motorola, Inc MTB8N50E Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MTB8N50E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
500
500
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 500 Vdc, VGS = 0 Vdc)
(VDS = 400 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
10
100
mAdc
Gate–Body Leakage Current
(VGS = ±20 Vdc, VDS = 0 Vdc)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
2.0
3.0
6.3
4.0
Vdc
mV/
°C
Static Drain–to–Source On–Resistance
(VGS = 10 Vdc, ID = 4.0 Adc)
RDS(on)
0.6
0.8
Ohms
Drain–to–Source On–Voltage (VGS = 10 Vdc)
(ID = 8.0 Adc)
(ID = 4.0 Adc, TJ = 125°C)
VDS(on)
7.2
6.4
Vdc
Forward Transconductance
(VDS = 15 Vdc, ID = 4.0 Adc)
gFS
4.0
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vdc V
0 Vdc
Ciss
1450
1680
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
190
264
Transfer Capacitance
f = 1.0 MHz)
Crss
45.4
144
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(R
9 1
W)
td(on)
15
50
ns
Rise Time
(RGon =91 W)
tr
33
72
Turn–Off Delay Time
(RGon = 9.1 W)
td(off)
40
150
Fall Time
tf
32
60
Gate Charge
(see Figure 8)
(V
400 Vd
I
8 0 Ad
QT
40
64
nC
(see Figure 8)
(VDS = 400 Vdc, ID = 8.0 Adc,
Q1
8.0
( DS
, D
,
VGS = 10 Vdc)
Q2
17
Q3
17.3
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
VSD
Vdc
(IS = 8.0 Adc, VGS = 0 Vdc)
1.2
2.0
(IS = 8.0 Adc, VGS = 0 Vdc, TJ = 125°C)
1.1
Reverse Recovery Time
(I
8 0 Ad
V
0 Vd
trr
320
ns
(IS = 8.0 Adc, VGS = 0 Vdc,
ta
179
( S
,
GS
,
dIS/dt = 100 A/ms)
tb
141
Reverse Recovery Stored Charge
QRR
3.0
mC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
(1) Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
(2) Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTB8N50E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MTB8N50E ISC-MTB8N50E Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTB8N50E

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MTP8N50E NJSEMI-MTP8N50E Datasheet
122Kb / 2P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS
logo
Motorola, Inc
MTP8N50E MOTOROLA-MTP8N50E Datasheet
158Kb / 6P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS RDS(on) = 0.8 OHM
MTB2P50E MOTOROLA-MTB2P50E Datasheet
273Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS
MTD1P50E MOTOROLA-MTD1P50E Datasheet
92Kb / 4P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS 15 OHM
MTP1N60E MOTOROLA-MTP1N60E Datasheet
232Kb / 8P
   TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM
MTP8N06E MOTOROLA-MTP8N06E Datasheet
212Kb / 8P
   TMOS POWER FET 8.0 AMPERES 60 VOLTS RDS(on) = 0.12 OHM
MTW8N60E MOTOROLA-MTW8N60E Datasheet
70Kb / 2P
   TMOS POWER FET 8.0 AMPERES 600 VOLTS RDS(on) = 0.55 OHM
MTD8N06E MOTOROLA-MTD8N06E Datasheet
185Kb / 10P
   TMOS POWER FET 8.0 AMPERES 60 VOLTS RDS(on) = 0.12 OHM
MTP4N50E MOTOROLA-MTP4N50E Datasheet
254Kb / 8P
   TMOS POWER FET 4.0 AMPERES 500 VOLTS RDSon = 1.5 OHMS
MMSF7N03HD MOTOROLA-MMSF7N03HD Datasheet
296Kb / 10P
   SINGLE TMOS POWER MOSFET 8.0 AMPERES 30 VOLTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com