Electronic Components Datasheet Search |
|
THS4131CDG4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
THS4131CDG4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 36 page DGN−8 D−8 DGK−8 1 2 3 4 8 7 6 5 VIN− VOCM VCC+ VOUT+ VIN+ PD VCC− VOUT− THS4130 D, DGN, OR DGK PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 VIN− VOCM VCC+ VOUT+ VIN+ NC VCC− VOUT− THS4131 D, DGN, OR DGK PACKAGE (TOP VIEW) SHUTDOWN NUMBER OF CHANNELS DEVICE THS4130 THS4131 1 1 X − HIGH-SPEED DIFFERENTIAL I/O FAMILY V DD DIGITAL OUTPUT V IN − + − + DV DD V OCM AV SS AV DD A IN A IN V ref 5V −5V Typical A/D ApplicationCircuit −100 −90 −80 −70 −60 −50 −40 −30 −20 100k 1M 10M f − Frequency − Hz TOTAL HARMONICDISTORTIONvsFREQUENCY VOUT PP =2V VCC =5Vto 5V ± VCC = 15V ± THS4130 THS4131 www.ti.com SLOS318H – MAY 2000 – REVISED MAY 2011 HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS Check for Samples: THS4130, THS4131 1 FEATURES DESCRIPTION The THS413x is one in a family of fully-differential 23 • High Performance input/differential output devices fabricated using – 150 MHz, –3 dB Bandwidth (VCC = ±15 V) Texas Instruments' state-of-the-art BiComI – 51 V/µs Slew Rate complementary bipolar process. – –100 dB Third Harmonic Distortion at The THS413x is made of a true fully-differential signal 250 kHz path from input to output. This design leads to an • Low Noise excellent common-mode noise rejection and – 1.3 nV/√Hz Input-Referred Noise improved total harmonic distortion. • Differential-Input/Differential-Output – Balanced Outputs Reject Common-Mode Noise – Reduced Second-Harmonic Distortion Due to Differential Output • Wide Power-Supply Range – VCC = 5 V Single Supply to ±15 V Dual Supply • ICC(SD) = 860 µA in Shutdown Mode (THS4130) APPLICATIONS • Single-Ended To Differential Conversion • Differential ADC Driver • Differential Antialiasing • Differential Transmitter And Receiver • Output Level Shifter RELATED DEVICES DEVICE DESCRIPTION THS412x 100 MHz, 43 V/ µs, 3.7 nV/√Hz THS414x 160 MHz, 450 V/ µs, 6.5 nV/√Hz THS415x 180 MHz, 850 V/ µs, 9 nV/√Hz 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 PowerPAD is a trademark of Texas Instruments. 3 All other trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2000–2011, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - THS4131CDG4 |
|
Similar Description - THS4131CDG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |