Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C552AMHVB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C552AMHVB
Description  DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C552AMHVB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TL16C552AMHVB Datasheet HTML 4Page - Texas Instruments TL16C552AMHVB Datasheet HTML 5Page - Texas Instruments TL16C552AMHVB Datasheet HTML 6Page - Texas Instruments TL16C552AMHVB Datasheet HTML 7Page - Texas Instruments TL16C552AMHVB Datasheet HTML 8Page - Texas Instruments TL16C552AMHVB Datasheet HTML 9Page - Texas Instruments TL16C552AMHVB Datasheet HTML 10Page - Texas Instruments TL16C552AMHVB Datasheet HTML 11Page - Texas Instruments TL16C552AMHVB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TL16C552A, TL16C552AM
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS189D – NOVEMBER 1994 – REVISED JANUARY 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
read cycle timing requirements over recommended ranges of operating free-air temperature and
supply voltage (see Note 4 and Figure 4)
MIN
MAX
UNIT
tw4
Pulse duration, IOR
80
ns
tsu1
Setup time, CSx valid before IOR
↓ (see Note 5)
15
ns
tsu2
Setup time, A2 – A0 valid before IOR
↓ (see Note 5)
15
ns
th1
Hold time, A2 – A0 valid after IOR
↑ (see Note 5)
20
ns
th2
Hold time, CSx valid after IOR
↑ (see Note 5)
20
ns
td1
Delay time, tsu2 + tw4 + td2 (see Note 6)
175
ns
td2
Delay time, IOR
↑ to IOR or IOW ↓
80
ns
NOTES:
4. These parameters are not production tested.
5. The internal address strobe is always active.
6. In FIFO mode, td1 = 425 ns (min) between reads of the receiver FIFO and the status registers (interrupt identification register and
line status register).
write cycle timing requirements over recommended ranges of operating free-air temperature and
supply voltage (see Note 7 and Figure 5)
MIN
MAX
UNIT
tw5
Pulse duration, IOW
80
ns
tsu4
Setup time, CSx valid before IOW
↓ (see Note 8)
15
ns
tsu5
Setup time, A2 – A0 valid before IOW
↓ (see Note 8)
15
ns
tsu6
Setup time, DB0 – DB7 valid before IOW
15
ns
th3
Hold time, A2 – A0 valid after IOW
↑ (see Note 8)
20
ns
th4
Hold time, CSx valid after IOW
↑ (see Note 8)
20
ns
th5
Hold time, DB0 – DB7 valid after IOW
15
ns
td3
Delay time, tsu5 + tw5 + td4
175
ns
td4
Delay time, IOW
↑ to IOW or IOR ↓
80
ns
NOTES:
7. These parameters are not production tested.
8. The internal address strobe is always active.
read cycle switching characteristics over recommended ranges of operating free-air temperature
and supply voltage, CL = 100 pF (see Note 9 and Figure 4)
PARAMETER
MIN
MAX
UNIT
tpd1
Propagation delay time from IOR
↓ to BDO ↑ or from IOR ↑ to BDO ↓
60
ns
ten
Enable time from IOR
↓ to DB0–DB7 valid (see Note 10)
60
ns
tdis
Disable time from IOR
↑ to DB0–DB7 released (see Note 10)
60
ns
NOTES:
9. These parameters are not production tested.
10. VOL and VOH (and the external loading) determine the charge and discharge time.


Similar Part No. - TL16C552AMHVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C552AMHV TI-TL16C552AMHV Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
More results

Similar Description - TL16C552AMHVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com