Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL16C552AFNR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL16C552AFNR
Description  DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL16C552AFNR Datasheet(HTML) 1 Page - Texas Instruments

  TL16C552AFNR Datasheet HTML 1Page - Texas Instruments TL16C552AFNR Datasheet HTML 2Page - Texas Instruments TL16C552AFNR Datasheet HTML 3Page - Texas Instruments TL16C552AFNR Datasheet HTML 4Page - Texas Instruments TL16C552AFNR Datasheet HTML 5Page - Texas Instruments TL16C552AFNR Datasheet HTML 6Page - Texas Instruments TL16C552AFNR Datasheet HTML 7Page - Texas Instruments TL16C552AFNR Datasheet HTML 8Page - Texas Instruments TL16C552AFNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TL16C552A, TL16C552AM
DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH FIFO
SLLS189D – NOVEMBER 1994 – REVISED JANUARY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D IBM PC/AT™ Compatible
D Two TL16C550 ACEs
D Enhanced Bidirectional Printer Port
D 16-Byte FIFOs Reduce CPU Interrupts
D Up to 16-MHz Clock Rate for up to 1-Mbaud
Operation
D Transmit, Receive, Line Status, and Data
Set Interrupts on Each Channel
Independently Controlled
D Individual Modem Control Signals for Each
Channel
D Programmable Serial Interface
Characteristics for Each Channel:
– 5-, 6-, 7-, or 8-Bit Characters
– Even, Odd, or No Parity Bit Generation
and Detection
– 1-, 1-1/2-, or 2-Stop Bit Generation
D 3-State Outputs Provide TTL Drive for the
Data and Control Bus on Each Channel
D Hardware and Software Compatible With
TL16C452
28 29
INT1
INT2
SLIN
INIT
AFD
STB
GND
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
INT0
BDO
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
30
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
SOUT1
DTR1
RTS1
CTS1
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
TXRDY0
VDD
RTS0
DTR0
SOUT0
31 32 33 34
HV or FN PACKAGE
(TOP VIEW)
87
6
5
4
93
168 67
2
35 36 37 38 39
66 65
27
64 63 62 61
40 41 42 43
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated
IBM PC/AT is a trademark of International Business Machines Corporation.


Similar Part No. - TL16C552AFNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C552AFN TI-TL16C552AFN Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
More results

Similar Description - TL16C552AFNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C550B TI-TL16C550B Datasheet
499Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI1-TL16C554A_13 Datasheet
1Mb / 46P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C554FNR TI-TL16C554FNR Datasheet
589Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C450 TI1-TL16C450_09 Datasheet
395Kb / 27P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C552A TI-TL16C552A Datasheet
545Kb / 39P
[Old version datasheet]   DUAL ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH FIFO
logo
Intersil Corporation
82C50A INTERSIL-82C50A Datasheet
101Kb / 21P
   CMOS Asynchronous Communications Element
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com