Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4131CDGN Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4131CDGN
Description  HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4131CDGN Datasheet(HTML) 4 Page - Texas Instruments

  THS4131CDGN Datasheet HTML 1Page - Texas Instruments THS4131CDGN Datasheet HTML 2Page - Texas Instruments THS4131CDGN Datasheet HTML 3Page - Texas Instruments THS4131CDGN Datasheet HTML 4Page - Texas Instruments THS4131CDGN Datasheet HTML 5Page - Texas Instruments THS4131CDGN Datasheet HTML 6Page - Texas Instruments THS4131CDGN Datasheet HTML 7Page - Texas Instruments THS4131CDGN Datasheet HTML 8Page - Texas Instruments THS4131CDGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
THS4130
THS4131
SLOS318H
– MAY 2000 – REVISED MAY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
VCC= ±5 V, RL = 800Ω, and TA = +25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
CMRR
Common-mode rejection ratio
TA = full range
80
95
dB
–3.77 to
VICR
Common-mode input voltage range
–4 to 4.5
V
4.3
RI
Input resistance
Measured into each input terminal
34
M
CI
Input capacitance, closed loop
4
pF
ro
Output resistance
Open loop
41
OUTPUT CHARACTERISTICS
1.2 to
0.9 to
TA = +25°C
3.8
4.1
VCC = 5 V
1.3 to
TA = full range
±4
3.7
Output voltage swing
V
TA = +25°C
±3.7
VCC = ±5 V
TA = full range
±3.6
TA = +25°C
±10.5
±12.4
VCC = ±15 V
TA = full range
±10.2
TA = +25°C
25
45
VCC = 5 V, RL = 7 Ω
TA = full range
20
TA = +25°C
30
55
IO
Output current
VCC = ±5 V, RL = 7 Ω
mA
TA = full range
28
TA = +25°C
60
85
VCC = ±15 V, RL = 7 Ω
TA = full range
65
POWER SUPPLY
Single supply
4
33
VCC
Supply voltage range
V
Split supply
±2
±16.5
TA = +25°C
12.3
15
VCC = ±5 V
ICC
Quiescent current
TA = full range
16
mA
VCC = ±15 V
TA = +25°C
14
TA = +25°C
0.86
1.4
ICC(SD)
Quiescent current (shutdown) (THS4130 only)(3)
V =
–5 V
mA
TA = full range
1.5
TA = +25°C
73
98
PSRR
Power-supply rejection ratio (dc)
dB
TA = full range
70
(3)
For detailed information on the behavior of the power-down circuit, see the Power-Down Mode section in the Principles of Operation.
4
Copyright
© 2000–2011, Texas Instruments Incorporated


Similar Part No. - THS4131CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4131CDGN TI-THS4131CDGN Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131CDGNR NSC-THS4131CDGNR Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
More results

Similar Description - THS4131CDGN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4130 TI-THS4130 Datasheet
569Kb / 27P
[Old version datasheet]   HIGH SPEED LOW NOISE, FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4131 NSC-THS4131 Datasheet
1Mb / 37P
   HIGH-SPEED, LOW-NOISE, FULLY-DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4141CDGNR TI-THS4141CDGNR Datasheet
1Mb / 33P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4140 NSC-THS4140 Datasheet
1Mb / 33P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS4121IDGN TI1-THS4121IDGN Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4121CD TI-THS4121CD Datasheet
1Mb / 30P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4140 TI-THS4140 Datasheet
523Kb / 24P
[Old version datasheet]   HIGH SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
THS4120 TI-THS4120 Datasheet
504Kb / 23P
[Old version datasheet]   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
National Semiconductor ...
THS4121 NSC-THS4121 Datasheet
1Mb / 31P
   HIGH-SPEED FULLY DIFFERENTIAL I/O AMPLIFIERS
logo
Texas Instruments
THS2630 TI-THS2630_V01 Datasheet
1Mb / 32P
[Old version datasheet]   THS2630 High-Speed, Low-Noise, Fully-Differential I/O Amplifier
JANUARY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com