Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75162BN Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75162BN
Description  OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75162BN Datasheet(HTML) 1 Page - Texas Instruments

  SN75162BN Datasheet HTML 1Page - Texas Instruments SN75162BN Datasheet HTML 2Page - Texas Instruments SN75162BN Datasheet HTML 3Page - Texas Instruments SN75162BN Datasheet HTML 4Page - Texas Instruments SN75162BN Datasheet HTML 5Page - Texas Instruments SN75162BN Datasheet HTML 6Page - Texas Instruments SN75162BN Datasheet HTML 7Page - Texas Instruments SN75162BN Datasheet HTML 8Page - Texas Instruments SN75162BN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN75161B, SN75162B
OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SLLS005B – OCTOBER 1980 – REVISED MAY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets IEEE Standard 488-1978 (GPIB)
D 8-Channel Bidirectional Transceivers
D Power-Up/Power-Down Protection
(Glitch Free)
D Designed to Implement Control Bus
Interface
D SN75161B Designed for Single Controller
D SN75162B Designed for Multiple
Controllers
D High-Speed, Low-Power Schottky Circuitry
D Low Power Dissipation...72 mW Max Per
Channel
D Fast Propagation Times . . . 22 ns Max
D High-Impedance pnp Inputs
D Receiver Hysteresis... 650 mV Typ
D Bus-Terminating Resistors Provided on
Driver Outputs
D No Loading of Bus When Device Is
Powered Down (VCC = 0)
description
The SN75161B and SN75162B eight-channel,
general-purpose interface bus transceivers are
monolithic,
high-speed,
low-power
Schottky
devices designed to meet the requirements of
IEEE Standard 488-1978. Each transceiver is
designed to provide the bus-management and
data-transfer signals between operating units of
a single- or multiple-controller instrumentation
system. When combined with the SN75160B octal
bus transceiver, the SN75161B or SN75162B
provides the complete 16-wire interface for the
IEEE-488 bus.
The SN75161B and SN75162B feature eight
driver-receiver pairs connected in a front-to-back
configuration to form input/output (I/O) ports at
both the bus and terminal sides. A power-
up/-down disable circuit is included on all bus and
receiver outputs. This provides glitch-free opera-
tion during VCC power up and power down.
Copyright
© 1995, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SC
TE
REN
IFC
NDAC
NRFD
DAV
EOI
ATN
SRQ
NC
GND
1
2
3
4
5
6
7
8
9
10
11
22
21
20
19
18
17
16
15
14
13
12
VCC
NC
REN
IFC
NDAC
NRFD
DAV
EOI
ATN
SRQ
NC
DC
(TOP VIEW)
TE
REN
IFC
NDAC
NRFD
DAV
EOI
ATN
SRQ
GND
VCC
REN
IFC
NDAC
NRFD
DAV
EOI
ATN
SRQ
DC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GPIB
I/O Ports
Terminal
I/O Ports
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SC
TE
REN
IFC
NDAC
NRFD
DAV
EOI
ATN
SRQ
GND
VCC
NC
REN
IFC
NDAC
NRFD
DAV
EOI
ATN
SRQ
DC
(TOP VIEW)
NC – No internal connection
SN75161B . . . DW OR N PACKAGE
SN75162B . . . DW PACKAGE
SN75162B ...N PACKAGE
GPIB
I/O Ports
Terminal
I/O Ports
GPIB
I/O Ports
Terminal
I/O Ports


Similar Part No. - SN75162BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75162BN TI-SN75162BN Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
More results

Similar Description - SN75162BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75161B TI-SN75161B Datasheet
227Kb / 14P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS161 TI-SN55ALS161 Datasheet
222Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS161 TI-SN75ALS161_07 Datasheet
503Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN55ALS160 TI-SN55ALS160 Datasheet
192Kb / 12P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Hitachi Semiconductor
HD75161A HITACHI-HD75161A Datasheet
63Kb / 15P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS160 TI-SN75ALS160 Datasheet
478Kb / 16P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
logo
Renesas Technology Corp
HD75160A RENESAS-HD75160A Datasheet
162Kb / 13P
   Octal General Purpose Interface Bus Transceivers
HD75161A RENESAS-HD75161A Datasheet
245Kb / 12P
   Octal General Purpose Interface Bus Transceivers
logo
Texas Instruments
SN75ALS161 TI-SN75ALS161_08 Datasheet
532Kb / 19P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVERS
SN75ALS164 TI-SN75ALS164 Datasheet
198Kb / 13P
[Old version datasheet]   OCTAL GENERAL-PURPOSE INTERFACE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com