Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4221 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS4221
Description  LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4221 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4221 Datasheet HTML 13Page - Texas Instruments THS4221 Datasheet HTML 14Page - Texas Instruments THS4221 Datasheet HTML 15Page - Texas Instruments THS4221 Datasheet HTML 16Page - Texas Instruments THS4221 Datasheet HTML 17Page - Texas Instruments THS4221 Datasheet HTML 18Page - Texas Instruments THS4221 Datasheet HTML 19Page - Texas Instruments THS4221 Datasheet HTML 20Page - Texas Instruments THS4221 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
THS4221, THS4225
THS4222, THS4226
SLOS399G − AUGUST 2002 − REVISED JANUARY 2004
www.ti.com
17
APPLICATION CIRCUITS
Driving an Analog-to-Digital Converter With the
THS4222
The THS4222 can be used to drive high-performance
analog-to-digital converters. Two example circuits are
presented below.
The first circuit uses a wideband transformer to convert a
single-ended input signal into a differential signal. The
differential signal is then amplified and filtered by two
THS4222
amplifiers.
This
circuit
provides
low
intermodulation
distortion,
suppressed
even-order
distortion, 14 dB of voltage gain, a 50-Ω input impedance,
and a single-pole filter at 25 MHz. For applications without
signal content at dc, this method of driving ADCs can be
very useful. Where dc information content is required, the
THS4500 family of fully differential amplifiers may be
applicable.
_
+
THS4222
50 Ω
Source
1.3 kΩ
_
+
THS4222
−5 V
649 Ω
4.7 pF
1.3 kΩ
649 Ω
24.9 Ω
4.7 pF
12-Bit, 53 Msps
ADS807
(1:4 Ω)
1:2
5 V
24.9 Ω
237 Ω
Figure 32. A Linear, Low Noise, High Gain ADC
Preamplifier
The second circuit depicts single-ended ADC drive. While
not recommended for optimum performance using
converters
with
differential
inputs,
satisfactory
performance
can
sometimes
be
achieved
with
single-ended input drive. An example circuit is shown here
for reference.
_
+
THS4222
1.3 kΩ
ADS807
12-Bit,
53 Msps
Rf
+5 V
1.3 kΩ
49.9 Ω
VI
Rg
−5 V
50 Ω
Source
RISO 0.1 µF
16.5 Ω
68 pf
0.1 µF
IN
IN
CM
1.82 kΩ
RT
NOTE: For best performance, high-speed ADCs should be driven
differentially. See the THS4500 family of devices for more
information.
Figure 33. Driving an ADC With a
Single-Ended Input
Active Filtering With the THS4222
High-frequency active filtering with the THS4222 is
achievable due to the amplifier’s high slew rate, wide
bandwidth, and voltage feedback architecture. Several
options are available for high-pass, low-pass, bandpass,
and bandstop filters of varying orders. A simple two-pole
low pass filter is presented here as an example, with two
poles at about 25 MHz.
_
+
THS4222
49.9 Ω
50 Ω Source
1.3 kΩ
4.7 pF
5 V
−5 V
120 pF
VO
1.3 kΩ
52.3 Ω
VI
Figure 34. A Two-Pole Active Filter With Two
Poles at about 25 MHz


Similar Part No. - THS4221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221D NSC-THS4221D Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVR NSC-THS4221DBVR Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - THS4221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027ARTZ AD-AD8027ARTZ Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com