Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

476KXM050M Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 476KXM050M
Description  RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM050M Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 476KXM050M Datasheet HTML 6Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 7Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 8Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 9Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 10Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 11Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 12Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 13Page - Freescale Semiconductor, Inc 476KXM050M Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
RF Device Data
Freescale Semiconductor
MRF6VP2600HR6
88--108 MHz
Figure 21. MRF6VP2600HR6 Test Circuit Component Layout — 88--108 MHz
+
+
+
MRF6VP2600KH Rev. 2
C18
C1
C3
B1
R1
C4
L1
C2
T1
L3
L4
COAX2
COAX3
C13
C6
L2
C10
C11
C12
C7
C8
C9
C5
C14
C15
C16
C17
J1
COAX1
Table 6. MRF6VP2600HR6 Test Circuit Component Designations and Values — 88--108 MHz
Part
Description
Part Number
Manufacturer
B1
95 Ω, 100 MHz Long Ferrite Bead
2743021447
Fair--Rite
C1
6.8 μF, 50 V Chip Capacitor
C4532X7R1H685K
TDK
C2
30 pF Chip Capacitor
ATC100B300JT500XT
ATC
C3, C13, C14
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C4, C5, C6
1 μF, 100 V Chip Capacitors
GRM31CR72A105KA01L
Murata
C7, C8, C9, C10,
C11, C12
3900 pF Chip Capacitors
ATC700B392JT50X
ATC
C15
4.7 μF, 100 V Chip Capacitor
GRM55ER72A475KA01B
Murata
C16, C17
470 μF, 63 V Electrolytic Capacitors
MCGPR63V477M13X26--RH
Multicomp
C18
220 μF, 100 V Electrolytic Capacitor
MCGPR100V227M16X26--RH
Multicomp
J1
Jumper with Copper Tape
L1
82 nH Inductor
1812SMS--82NJ
CoilCraft
L2
8 Turn, #14 AWG ID=0.250″ Inductor, Hand Wound
Copper Wire
Freescale
L3, L4
8 nH Inductors
A03TKLC
CoilCraft
R1
15 Ω, 1/4 W Chip Resistor
CRCW120615R0FKEA
Vishay
T1
Balun Transformer
TUI--LF--9
Comm Concepts
Coax1, Coax2
25 Ω, Semi Rigid RF Cable, 3 mm Line, 16 cm Length
UT--141C--25
Micro--Coax
Coax3
25 Ω, Semi Rigid RF Cable, 3 mm Line, 15 cm Length
UT--141C--25
Micro--Coax
PCB
0.030″, εr =2.55
GX0300--55--22
Arlon


Similar Part No. - 476KXM050M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
476KXM050M ILLINOISCAPACITOR-476KXM050M Datasheet
130Kb / 5P
   105째C Low Impedance Radial Lead Aluminum Electrolytic Capacitors
logo
Freescale Semiconductor...
476KXM050M FREESCALE-476KXM050M Datasheet
748Kb / 11P
   RF Power Field Effect Transistor
logo
Illinois Capacitor, Inc...
476KXM050M ILLINOISCAPACITOR-476KXM050M Datasheet
477Kb / 3P
   105 C Low lmpedance Radial Lead Aluminum Electrolytic Capacitors
476KXM050M ILLINOISCAPACITOR-476KXM050M Datasheet
240Kb / 3P
   Standardized case sizes - High ripple current ??Multiplecase sizes
476KXM050M ILLINOISCAPACITOR-476KXM050M Datasheet
398Kb / 3P
   Standardized Case Sizes - High Ripple Current ??Multiple Case Sizes
More results

Similar Description - 476KXM050M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF9060LR1 FREESCALE-MRF9060LR1_08 Datasheet
364Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6_06 Datasheet
437Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF8S9170NR3 FREESCALE-MRF8S9170NR3_10 Datasheet
463Kb / 13P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF7S35015HSR3 FREESCALE-MRF7S35015HSR3_11 Datasheet
825Kb / 12P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6VP11KHR6 FREESCALE-MRF6VP11KHR6_09 Datasheet
468Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF7S19120NR1 FREESCALE-MRF7S19120NR1_09 Datasheet
517Kb / 14P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6_10 Datasheet
708Kb / 11P
   RF Power Field Effect Transistor N--Channel Enhancement--Mode Lateral MOSFET
MRF6P21190HR6 FREESCALE-MRF6P21190HR6 Datasheet
400Kb / 12P
   RF Power Field Effect Transistor, N-Channel Enhancement-Mode Lateral MOSFET
MRF6VP21KHR6 FREESCALE-MRF6VP21KHR6 Datasheet
445Kb / 11P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
MRF5P21240HR6 FREESCALE-MRF5P21240HR6 Datasheet
565Kb / 12P
   RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com