Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSB147H Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSB147H
Description  mWSaver Fairchild Power Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB147H Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSB147H Datasheet HTML 5Page - Fairchild Semiconductor FSB147H Datasheet HTML 6Page - Fairchild Semiconductor FSB147H Datasheet HTML 7Page - Fairchild Semiconductor FSB147H Datasheet HTML 8Page - Fairchild Semiconductor FSB147H Datasheet HTML 9Page - Fairchild Semiconductor FSB147H Datasheet HTML 10Page - Fairchild Semiconductor FSB147H Datasheet HTML 11Page - Fairchild Semiconductor FSB147H Datasheet HTML 12Page - Fairchild Semiconductor FSB147H Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSB117H / FSB127H / FSB147H • Rev. 1.0.7
9
Electrical Characteristics (Continued)
VDD=15 V, TA=25°C unless otherwise specified.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Current-Sense Section
(14)
tPD
Current Limit Turn-Off Delay
100
200
ns
tLEB
Leading-Edge Blanking Time
230
280
330
ns
tSS
Soft-Start Time
(12)
5
ms
GATE Section
(14)
DCYMAX
Maximum Duty Cycle
70
%
Over-Temperature Protection Section (OTP)
TOTP
Junction Temperature to trigger OTP
(12)
135
142
150
°C
∆TOTP
Hysteresis of OTP
(12)
25
°C
Notes:
12. Guaranteed by design; not 100% tested in production.
13. Pulse test: pulse width ≤ 300 µs, duty ≤ 2%.
14. These parameters, although guaranteed, are tested in wafer-sort process.


Similar Part No. - FSB147H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB147H FAIRCHILD-FSB147H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB147H FAIRCHILD-FSB147H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
logo
List of Unclassifed Man...
FSB147HNY ETC2-FSB147HNY Datasheet
875Kb / 18P
   Meets 2013 ErP Standby Power Regulation (Less than 0.5 W Consumption with 0.25 W Load) for ATX Power and LCD TV Power
More results

Similar Description - FSB147H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB117H FAIRCHILD-FSB117H Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
FSB117HNY FAIRCHILD-FSB117HNY Datasheet
1Mb / 18P
   mWSaver??Fairchild Power Switch (FPS??
KA5L0565RYDTU FAIRCHILD-KA5L0565RYDTU Datasheet
250Kb / 10P
   Fairchild Power Switch
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com