Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD17P06 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQD17P06
Description  P-Channel QFET MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD17P06 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQD17P06 Datasheet HTML 1Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 2Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 3Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 4Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 5Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 6Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 7Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 8Page - Fairchild Semiconductor FQD17P06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FQD17P06/ FQU17P06 Rev.C0
0
1020
30405060
0.00
0.04
0.08
0.12
0.16
0.20
0.24
0.28
0.32
0.36
0.40
Note : T
J = 25∩
V
GS = - 20V
V
GS = - 10V
-I
D , Drain Current [A]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top :
- 15.0 V
- 10.0 V
- 8.0 V
- 7.0 V
- 6.0 V
- 5.5 V
- 5.0 V
Bottom : - 4.5 V
Notes :
1. 250レs Pulse Test
2. T
C = 25∩
-V
DS, Drain-Source Voltage [V]
0
4
8
121620
24
0
2
4
6
8
10
12
V
DS = -30V
V
DS = -48V
Note : I
D = -17 A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
200
400
600
800
1000
1200
1400
1600
1800
2000
Ciss = Cgs + Cgd (Cds = shorted)
Coss = Cds + Cgd
Crss = Cgd
Notes :
1. VGS = 0 V
2. f = 1 MHz
Crss
Coss
Ciss
VDS, Drain-Source Voltage [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
10
-1
10
0
10
1
150∩
Notes :
1. V
GS = 0V
2. 250レs Pulse Test
25∩
-V
SD , Source-Drain Voltage [V]
24
6
8
10
10
-1
10
0
10
1
150∩
25∩
-55∩
Notes :
1. V
DS = -30V
2. 250レs Pulse Test
-V
GS , Gate-Source Voltage [V]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Similar Part No. - FQD17P06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17P06 FAIRCHILD-FQD17P06 Datasheet
682Kb / 9P
   60V P-Channel MOSFET
FQD17P06 FAIRCHILD-FQD17P06 Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD17P06TM FAIRCHILD-FQD17P06TM Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
FQD17P06 FAIRCHILD-FQD17P06_09 Datasheet
812Kb / 9P
   60V P-Channel MOSFET
More results

Similar Description - FQD17P06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB22P10 FAIRCHILD-FQB22P10_13 Datasheet
861Kb / 9P
   P-Channel QFET MOSFET
FQB34P10 FAIRCHILD-FQB34P10_13 Datasheet
526Kb / 9P
   P-Channel QFET MOSFET
FQT2P25TF FAIRCHILD-FQT2P25TF Datasheet
986Kb / 8P
   P-Channel QFET MOSFET
FQPF3P20 FAIRCHILD-FQPF3P20 Datasheet
529Kb / 8P
   QFET P-CHANNEL
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQU13N10TU FAIRCHILD-FQU13N10TU Datasheet
867Kb / 8P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com