Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE75A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # P6KE75A
Description  600 Watt Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

P6KE75A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  P6KE75A Datasheet HTML 1Page - Fairchild Semiconductor P6KE75A Datasheet HTML 2Page - Fairchild Semiconductor P6KE75A Datasheet HTML 3Page - Fairchild Semiconductor P6KE75A Datasheet HTML 4Page - Fairchild Semiconductor P6KE75A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P6KE6.8(C)A - P6KE440(C)A, Rev. A
Transient Voltage Supressors
(continued)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Uni-directional
Bi-directional (C)
Device
Reverse
Stand-off Voltage
VRWM (V)
Breakdown Voltage
VBR (V)
min
max
Test
Current
IT(mA)
Max Clamping
Voltage @IPPM
VC(V)
Max Peak Pulse
Surge Current
IPPM (A)
Max Reverse
Leakage VRWM
IR (uA)*
P6KE6.8(C)A
5.80
6.45
7.14
10
10.5
57.1
1000
P6KE7.5(C)A
6.40
7.13
7.88
1
11.3
53.1
500
P6KE8.2(C)A
7.02
7.79
8.61
1
12.1
50.0
200
P6KE9.1(C)A
7.78
8.65
9.55
1
13.4
45.0
50
P6KE10(C)A
8.55
9.50
10.5
1
14.5
41.0
10
P6KE11(C)A
9.4
10.5
11.6
1
15.6
38.0
5
P6KE12(C)A
10.2
11.4
12.6
1
16.7
36.0
5
P6KE13(C)A
11.1
12.4
13.7
1
18.2
33.0
5
P6KE15(C)A
12.8
14.3
15.8
1
21.2
28.0
5
P6KE16(C)A
13.6
15.2
16.8
1
22.5
27.0
5
P6KE18(C)A
15.3
17.1
18.9
1
25.2
24.0
5
P6KE20(C)A
17.1
19.0
21.0
1
27.7
22.0
5
P6KE22(C)A
18.8
20.9
23.1
1
30.6
20.0
5
P6KE24(C)A
20.5
22.8
25.2
1
33.2
18.1
5
P6KE27(C)A
23.1
25.7
28.4
1
37.5
16.0
5
P6KE30(C)A
25.6
28.5
31.5
1
41.4
14.5
5
P6KE33(C)A
28.2
31.4
34.7
1
45.7
13.2
5
P6KE36(C)A
30.8
34.2
37.8
1
49.9
12.0
5
P6KE39(C)A
33.3
37.1
41.0
1
53.9
11.2
5
P6KE43(C)A
36.8
40.9
45.2
1
59.3
10.1
5
P6KE47(C)A
40.2
44.7
49.4
1
64.8
9.3
5
P6KE51(C)A
43.6
48.5
53.6
1
70.1
8.6
5
P6KE56(C)A
47.8
53.2
58.8
1
77.0
7.8
5
P6KE62(C)A
53.0
58.9
65.1
1
85.0
7.1
5
P6KE68(C)A
58.1
64.6
71.4
1
92.0
6.5
5
P6KE75(C)A
64.1
71.3
78.8
1
103.0
5.8
5
P6KE82(C)A
70.1
77.9
86.1
1
113.0
5.3
5
P6KE91(C)A
77.8
86.5
95.5
1
125.0
4.8
5
P6KE100(C)A
85.5
95.0
105.0
1
137.0
4.4
5
P6KE110(C)A
94.0
105.0
116.0
1
152.0
4.0
5
P6KE120(C)A
102.0
114.0
126.0
1
165.0
3.6
5
P6KE130(C)A
111.0
124.0
137.0
1
179.0
3.4
5
P6KE150(C)A
128.0
143.0
158.0
1
207.0
2.9
5
P6KE160(C)A
136.0
152.0
168.0
1
219.0
2.7
5
P6KE170(C)A
145.0
162.0
179.0
1
234.0
2.6
5
P6KE180(C)A
154.0
171.0
189.0
1
246.0
2.4
5
P6KE200(C)A
171.0
190.0
210.0
1
274.0
2.2
5
P6KE220(C)A
185.0
209.0
231.0
1
328.0
1.9
5
P6KE250(C)A
214.0
237.0
263.0
1
344.0
1.8
5
P6KE300(C)A
256.0
285.0
315.0
1
414.0
1.5
5
P6KE350(C)A
300.0
332.0
368.0
1
482.0
1.3
5
P6KE400(C)A
342.0
380.0
420.0
1
548.0
1.1
5
P6KE440(C)A
376.0
418.0
462.0
1
602.0
1.0
5
* For bidirectional parts with V
RWM<10V, the IR max limit is doubled.


Similar Part No. - P6KE75A

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
P6KE75A MDE-P6KE75A Datasheet
78Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
P6KE75A SUNMATE-P6KE75A Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
Motorola, Inc
P6KE75A MOTOROLA-P6KE75A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
Ruilongyuan Electronics...
P6KE75A RUILON-P6KE75A Datasheet
895Kb / 7P
   Transient Voltage Suppressors
logo
Micro Commercial Compon...
P6KE75A MCC-P6KE75A Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
More results

Similar Description - P6KE75A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
P6KE250CA FAIRCHILD-P6KE250CA Datasheet
112Kb / 4P
   600 Watt Transient Voltage Suppressors
logo
Digitron Semiconductors
P6KE6.8A DIGITRON-P6KE6.8A Datasheet
411Kb / 5P
   600 WATT TRANSIENT VOLTAGE SUPPRESSORS
logo
Goodwork Semiconductor ...
P6KE GWSEMI-P6KE Datasheet
185Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
P6KE BYTES-P6KE Datasheet
305Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
P6KE200B ONSEMI-P6KE200B Datasheet
118Kb / 4P
   600 Watt Peak Power Transient Voltage Suppressors
April, 2006 -- Rev. 1
logo
UNIOHM CORPORATION
P6KE UNIOHM-P6KE Datasheet
88Kb / 4P
   600 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
SZ1SMB28CAT3G ONSEMI-SZ1SMB28CAT3G Datasheet
143Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com