Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCRJ45S88A Datasheet(PDF) 5 Page - Dubilier

Part # DBCRJ45S88A
Description  NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJ45S88A Datasheet(HTML) 5 Page - Dubilier

  DBCRJ45S88A Datasheet HTML 1Page - Dubilier DBCRJ45S88A Datasheet HTML 2Page - Dubilier DBCRJ45S88A Datasheet HTML 3Page - Dubilier DBCRJ45S88A Datasheet HTML 4Page - Dubilier DBCRJ45S88A Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
355
NETWORKING SOCKETS
LOW PROFILE SIDE ENTRY - SMT
ORDERING INFORMATION
Surface Mount
Competitively priced
Current Rating
3A
Contact Resistance
30mΩ max at DC 100mA
Dielectric withstanding Voltage
AC 500V for 1 minute
Insulation Resistance
1000mΩ min at DC 500V
Plating
Selective gold plating over Nickel Tin plate on solder foils
Housing
UL94V0 Standard
Colour
Black
Contact
0.35mm Phosphor Bronze
Operating Temperature
-55˚C to +265˚C
SPECIFICATION
OUTLINE DRAWING
DBC
RJ
S
64
Dubilier
Connectors
Series
Contact Type
S = Socket
Style
G = Low Profile
Side Entry-SMT
G
No. of Ways x
No. of loaded
contacts
6 x 4
6 x 6
8 x 8
A
1.02
0.10
1.65
6.20
4.00
3.50
1.50
11.43
B
7.88
±0.15
10.00
2.50
±0.15
±0.15
±0.10
11.50
18.10 ±0.30
1.60
12.72
C
5.15
±0.20
0.50
3.50
0.75
1.27
2.80
6.50
No of
Dimensions
Positions
A
B
C
6x4
11.20
14.50
7.00
6x6
12.96
16.30
9.00
8x8
15.00
18.30
11.00
www.dubilier.co.uk


Similar Part No. - DBCRJ45S88A

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ45S88A DUBILIER-DBCRJ45S88A Datasheet
108Kb / 1P
   MODULAR SOCKETS - LOW PROFILE
More results

Similar Description - DBCRJ45S88A

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS66C DUBILIER-DBCRJS66C Datasheet
82Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS66C DUBILIER-DBCRJS66C_11 Datasheet
151Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS88E DUBILIER-DBCRJS88E Datasheet
72Kb / 1P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK (A)
DBCRJS64H DUBILIER-DBCRJS64H_11 Datasheet
128Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJS64H DUBILIER-DBCRJS64H Datasheet
74Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJ20ES10011 DUBILIER-DBCRJ20ES10011 Datasheet
711Kb / 1P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F Datasheet
71Kb / 1P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS64G DUBILIER-DBCRJS64G Datasheet
77Kb / 1P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY - SMT
DBCRJS86F DUBILIER-DBCRJS86F_11 Datasheet
705Kb / 2P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com