Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCRJ45S88A Datasheet(PDF) 3 Page - Dubilier

Part # DBCRJ45S88A
Description  NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJ45S88A Datasheet(HTML) 3 Page - Dubilier

  DBCRJ45S88A Datasheet HTML 1Page - Dubilier DBCRJ45S88A Datasheet HTML 2Page - Dubilier DBCRJ45S88A Datasheet HTML 3Page - Dubilier DBCRJ45S88A Datasheet HTML 4Page - Dubilier DBCRJ45S88A Datasheet HTML 5Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
353
ORDERING INFORMATION
NETWORKING SOCKETS
MODULAR SOCKETS - LOW PROFILE
SPECIFICATION
OUTLINE DRAWING
Material
Housing:
PBT Polyester, UL94V-O; UL94V-2
Standard colour grey
Contacts:
.0177(.45mm) diameter
Pros - bronze plated with hard gold
Cavity confirms to FCC Rules and
Regulations Part 68, subpart F
DBC
RJ45
S
88
A
Dubilier
Connectors
Series
RJ
RJ
RJ11
RJ12
RJ45
Contact Type
S=Socket
Nº of Ways x Nº of
Loaded Contacts
4x2
4x4
6x4
6x6
8x8
Style
A=Low profile
Skt
Low profile
Industry standard footprint
4, 6 and 8 way side entry
UL approved
2.54
15.00
.590
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
7.14
.281
PC Board Layout 8x8
2.54
10.00
.394
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
3.06
.120
PC Board Layout 4x2, 4x4
2.54
12.00
.472
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
PC Board Layout 6x4,6x6
C
D
A
B
2.54
15.00
.590
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
7.14
.281
PC Board Layout 8x8
2.54
10.00
.394
100
ø0.79
ø0.031
ø2.30
ø0.91
2.30
.091
1.02
0.40
3.06
.120
PC Board Layout 4x2, 4x4
12.00
.472
ø2.30
ø0.91
2.30
.091
1.02
0.40
PC Board Layout 6x4,6x6
C
D
A
B
Circuits Loaded Contacts Dimensions
a
B
C
D
4
2
10.00 (.394)
10.00 (.394) 1.02 (.040) 3.06 (.120)
4
4
10.00 (.394)
10.00 (.394) 1.02 (.040) 3.06 (.120)
6
4
12.20 (.480)
12.00 (.472) 1.02 (.040) 5.10 (.201)
6
6
12.20 (.480)
12.00 (.472) 1.02 (.040) 5.10 (.201)
8
8
15.00 (.590)
15.00 (.590) 1.02 (.040) 7.14 (.281)
PC Board Layout 8x8
PC Board Layout 6x4, 6x6
PC Board Layout 4x2, 4x4
RJ45
RJ
RJII+12
www.dubilier.co.uk


Similar Part No. - DBCRJ45S88A

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ45S88A DUBILIER-DBCRJ45S88A Datasheet
108Kb / 1P
   MODULAR SOCKETS - LOW PROFILE
More results

Similar Description - DBCRJ45S88A

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJS44D DUBILIER-DBCRJS44D Datasheet
71Kb / 1P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS66C DUBILIER-DBCRJS66C Datasheet
82Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS66C DUBILIER-DBCRJS66C_11 Datasheet
151Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK
DBCRJS88E DUBILIER-DBCRJS88E Datasheet
72Kb / 1P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY PCB JACK (A)
DBCRJS64H DUBILIER-DBCRJS64H_11 Datasheet
128Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJS64H DUBILIER-DBCRJS64H Datasheet
74Kb / 1P
   NETWORKING SOCKETS MINI LOW PROFILE SIDE ENTRY PCB JACK - SHIELDED
DBCRJ20ES10011 DUBILIER-DBCRJ20ES10011 Datasheet
711Kb / 1P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS86F DUBILIER-DBCRJS86F Datasheet
71Kb / 1P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
DBCRJS64G DUBILIER-DBCRJS64G Datasheet
77Kb / 1P
   NETWORKING SOCKETS LOW PROFILE SIDE ENTRY - SMT
DBCRJS86F DUBILIER-DBCRJS86F_11 Datasheet
705Kb / 2P
   NETWORKING SOCKETS TOP ENTRY PCB JACK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com