Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP297FS-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # OP297FS-REEL
Description  Dual Low Bias Current Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP297FS-REEL Datasheet(HTML) 3 Page - Analog Devices

  OP297FS-REEL Datasheet HTML 1Page - Analog Devices OP297FS-REEL Datasheet HTML 2Page - Analog Devices OP297FS-REEL Datasheet HTML 3Page - Analog Devices OP297FS-REEL Datasheet HTML 4Page - Analog Devices OP297FS-REEL Datasheet HTML 5Page - Analog Devices OP297FS-REEL Datasheet HTML 6Page - Analog Devices OP297FS-REEL Datasheet HTML 7Page - Analog Devices OP297FS-REEL Datasheet HTML 8Page - Analog Devices OP297FS-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
OP297
Rev. G | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
@ VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
OP297E
OP297F
OP297G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
25
50
50
100
80
200
μV
Long-Term Input Voltage
Stability
0.1
0.1
0.1
μV/month
Input Offset Current
IOS
VCM = 0 V
20
100
35
150
50
200
pA
Input Bias Current
IB
VCM = 0 V
+20
±100
+35
±150
+50
±200
pA
Input Noise Voltage
en p-p
0.1 Hz to 10 Hz
0.5
0.5
0.5
μV p-p
Input Noise Voltage Density
en
fOUT = 10 Hz
20
20
20
nV/√Hz
fOUT = 1000 Hz
17
17
17
nV/√Hz
Input Noise Current Density
in
fOUT = 10 Hz
20
20
20
fA/√Hz
Input Resistance
Differential Mode
RIN
30
30
30
Common-Mode
RINCM
500
500
500
Large Signal Voltage Gain
AVO
VOUT = ±10 V,
RL = 2 kΩ
2000
4000
1500
3200
1200
3200
V/mV
Input Voltage Range1
VCM
±13
±14
±13
±14
±13
±14
V
Common-Mode Rejection
CMRR
VCM = ±13 V
120
140
114
135
114
135
dB
Power Supply Rejection
PSRR
VS = ±2 V to
±20 V
120
130
114
125
114
125
dB
Output Voltage Swing
VOUT
RL = 10 kΩ
±13
±14
±13
±14
±13
±14
V
RL = 2 kΩ
±13
±13.7
±13
±13.7
±13
±13.7
V
Supply Current per Amplifier
ISY
No load
525
625
525
625
525
625
μA
Supply Voltage
VS
Operating range
±2
±20
±2
±20
±2
±20
V
Slew Rate
SR
0.05
0.15
0.05
0.15
0.05
0.15
V/μs
Gain Bandwidth Product
GBWP
AV = +1
500
500
500
kHz
Channel Separation
CS
VOUT = 20 V p-p,
fOUT = 10 Hz
150
150
150
dB
Input Capacitance
CIN
3
3
3
pF
1 Guaranteed by CMR test.
@ VS = ±15 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 2.
OP297E
OP297F
OP297G
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Input Offset Voltage
VOS
35
100
80
300
110
400
μV
Average Input Offset Voltage Drift
TCVOS
0.2
0.6
0.5
2.0
0.6
2.0
μV/°C
Input Offset Current
IOS
VCM = 0 V
50
450
80
750
80
750
pA
Input Bias Current
IB
VCM = 0 V
+50
±450
+80
±750
+80
±750
pA
Large Signal Voltage Gain
AVO
VOUT = ±10 V,
RL = 2 kΩ
1200
3200
1000
2500
800
2500
V/mV
Input Voltage Range1
VCM
±13
±13.5
±13
±13.5
±13
±13.5
V
Common-Mode Rejection
CMRR
VCM = ±13
114
130
108
130
108
130
dB
Power Supply Rejection
PSRR
VS = ±2.5 V to
±20 V
114
108
108
dB
Output Voltage Swing
VOUT
RL = 10 kΩ
±13
±13.4
±13
±13.4
±13
±13.4
V
Supply Current per Amplifier
ISY
No load
550
750
550
750
550
750
μA
Supply Voltage
VS
Operating range
±2.5
±20
±2.5
±20
±2.5
±20
V
1 Guaranteed by CMR test.


Similar Part No. - OP297FS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP297FS-REEL AD-OP297FS-REEL Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
OP297FS-REEL AD-OP297FS-REEL Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
OP297FS-REEL AD-OP297FS-REEL Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297FS-REEL7 AD-OP297FS-REEL7 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
OP297FS-REEL7 AD-OP297FS-REEL7 Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
More results

Similar Description - OP297FS-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
OP297 AD-OP297_03 Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
OP297 AD-OP297_15 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
OP297 AD-OP297_06 Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297 AD-OP297 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
logo
Texas Instruments
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP1177 AD-OP1177_07 Datasheet
493Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
REV. E
OP1177 AD-OP1177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
OP2177 AD-OP2177_15 Datasheet
479Kb / 24P
   Precision Low Noise, Low Input Bias Current Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com