Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2817ACPZ-RL Datasheet(PDF) 11 Page - Analog Devices

Part # ADN2817ACPZ-RL
Description  Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817ACPZ-RL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2817ACPZ-RL Datasheet HTML 7Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 8Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 9Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 10Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 11Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 12Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 13Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 14Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Data Sheet
ADN2817/ADN2818
Rev. E | Page 11 of 40
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
BERMODE
VCC
VREF
NIN
PIN
SLICEP
SLICEN
VEE
VCC
VEE
LOS
SDA
SCK
SADDR5
VCC
VEE
NOTES
1. EXPOSED PADDLE ON THE BOTTOM OF THE PACKAGE
MUST BE CONNECTED TO VEE.
PIN 1
INDICATOR
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
TOP VIEW
(Not to Scale)
ADN2817/
ADN2818
Figure 5. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1
BERMODE
DI
Set this pin to logic low to enable analog voltage output mode for BER monitor.
2
VCC
P
Power for Input Stage, LOS.
3
VREF
AO
Internal VREF Voltage. Decouple to ground with a 0.1 µF capacitor.
4
NIN
AI
Differential Data Input. CML.
5
PIN
AI
Differential Data Input. CML.
6
SLICEP
AI
Differential Slice Level Adjust Input.
7
SLICEN
AI
Differential Slice Level Adjust Input.
8
VEE
P
GND for the Limiting Amplifier, LOS.
9
THRADJ
AI
LOS Threshold Setting Resistor.
10
REFCLKP
DI
Differential REFCLK Input. 10 MHz to 200 MHz.
11
REFCLKN
DI
Differential REFCLK Input. 10 MHz to 200 MHz.
12
VCC
P
VCO Power.
13
VEE
P
VCO Ground.
14
CF2
AO
Frequency Loop Capacitor.
15
CF1
AO
Frequency Loop Capacitor.
16
LOL
DO
Loss of Lock Indicator. Active high, LVTTL.
17
VEE
P
FLL Detector Ground.
18
VCC
P
FLL Detector Power.
19
SADDR5
DI
Slave Address Bit 5.
20
SCK
DI
I2C Clock Input.
21
SDA
DI
I2C Data Input.
22
LOS
DO
Loss of Signal Detect Output. Active high, LVTTL.
23
VEE
P
Output Buffer, I2C Ground.
24
VCC
P
Output Buffer, I2C Power.
25
CLKOUTN
DO
Differential Recovered Clock Output. CML.
26
CLKOUTP
DO
Differential Recovered Clock Output. CML.
27
SQUELCH
DI
Disable Clock and Data Outputs. Active high, LVTTL.
28
DATAOUTN
DO
Differential Recovered Data Output. CML.
29
DATAOUTP
DO
Differential Recovered Data Output. CML.
30
VEE
P
Phase Detector, Phase Shifter Ground.
31
VCC
P
Phase Detector, Phase Shifter Power.
32
VBER
AO
This pin represents BER when analog BERMON is enabled with 3 kΩ to VEE.
EP
EPAD
P
Exposed Paddle. The Exposed paddle on the bottom of the package must be connected
to VEE.
1
P = power, AI = analog input, AO = analog output, DI = digital input, DO = digital output.


Similar Part No. - ADN2817ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Similar Description - ADN2817ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com