Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2817ACPZ-RL Datasheet(PDF) 31 Page - Analog Devices

Part # ADN2817ACPZ-RL
Description  Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817ACPZ-RL Datasheet(HTML) 31 Page - Analog Devices

Back Button ADN2817ACPZ-RL Datasheet HTML 27Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 28Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 29Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 30Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 31Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 32Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 33Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 34Page - Analog Devices ADN2817ACPZ-RL Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Data Sheet
ADN2817/ADN2818
Rev. E | Page 31 of 40
Transmission Lines
Use of 50 Ω transmission lines is required for all high frequency
input and output signals to minimize reflections: PIN, NIN,
CLKOUTP, CLKOUTN, DATAOUTP, and DATAOUTN (also
REFCLKP, REFCLKN, if using a high frequency reference clock,
such as 155 MHz). It is also necessary for the PIN/NIN input
traces to be matched in length, and the CLKOUTP, CLKOUTN,
DATAOUTP, and DATAOUTN output traces to be matched
in length to avoid skew between the differential traces.
All high speed CML outputs (CLKOUTP, CLKOUTN, DATAOUTP,
and DATAOUTN) require 100 Ω back termination chip resis-
tors connected between the output pin and VCC. Place these
resistors as close as possible to the output pins. These 100 Ω
resistors are in parallel with on-chip 100 Ω termination resistors
to create a 50 Ω back termination (see Figure 37).
The high speed inputs (PIN and NIN) are internally terminated
with 50 Ω to an internal reference voltage (see Figure 38). A 0.1 μF
capacitor is recommended between VREF, Pin 3, and GND to
provide an ac ground for the inputs.
As with any high speed mixed-signal design, take care to keep
all high speed digital traces away from sensitive analog nodes.
50Ω
50Ω
VTERM
VTERM
50Ω
0.1µF
0.1µF
100Ω
100Ω
VCC
100Ω
100Ω
VCC
ADN2817/ADN2818
Figure 37. Typical ADN2817/ADN2818 Applications Circuit
50Ω
50Ω
50Ω
2.5V
ADN2817/ADN2818
VCC
TIA
CIN
CIN
PIN
NIN
3kΩ
VREF
0.1µF
TIA
Figure 38. ADN2817/ADN2818 AC-Coupled Input Configuration
Soldering Guidelines for Lead Frame Chip Scale Package
The lands on the 32-lead LFCSP are rectangular. The printed
circuit board pad for these should be 0.1 mm longer than the
package land length, and 0.05 mm wider than the package land
width. Center the land on the pad to ensure that the solder joint
size is maximized. The bottom of the lead frame chip scale package
has a central exposed pad. The pad on the printed circuit board
should be at least as large as this exposed pad. The user must
connect the exposed pad to VEE using plugged vias to prevent
solder from leaking through the vias during reflow. This ensures a
solid connection from the exposed pad to VEE.
Choosing AC Coupling Capacitors
AC coupling capacitors at the input (PIN, NIN) and output
(DATAOUTP, DATAOUTN) of the ADN2817/ADN2818
must be chosen such that the device works properly over the
full range of data rates used in the application. When choosing
the capacitors, the time constant formed with the two 50 Ω
resistors in the signal path must be considered. When a large
number of consecutive identical digits (CIDs) are applied, the
capacitor voltage can droop due to baseline wander (see Figure 39),
causing pattern dependent jitter (PDJ).
The user must determine how much droop is tolerable and choose
an ac coupling capacitor based on that amount of droop. The
amount of PDJ can then be approximated based on the capacitor
selection. The actual capacitor value selection may require some
trade-offs between droop and PDJ.
For example, assuming that 2% droop can be tolerated, the
maximum differential droop is 4%. Normalizing to peak-to-
peak voltage,
Droop = Δ V = 0.04 V = 0.5 V p-p (1 − e–t/τ) ; therefore, τ = 12t
where:
τ is the RC time constant (C is the ac coupling capacitor, and
R = 100 Ω seen by C).
t is the total discharge time, which is equal to n.
n is the number of CIDs.
T is the bit period.
Calculate the capacitor value by combining the equations
for τ and t.
C = 12nT/R
When the capacitor value is selected, the PDJ can be
approximated as
PDJps p-p = 0.5tr(1 − e(−nT/RC))/0.6
where:
PDJps p-p is the amount of pattern-dependent jitter allowed;
<0.01 UI p-p typical.
tr is the rise time, which is equal to 0.22/BW, where BW ≈ 0.7
(bit rate).
Note that this expression for tr is accurate only for the inputs.
The output rise time for the ADN2817/ADN2818 is ~100 ps
regardless of data rate.


Similar Part No. - ADN2817ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Similar Description - ADN2817ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com