Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2817ACPZ Datasheet(PDF) 34 Page - Analog Devices

Part # ADN2817ACPZ
Description  Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2817ACPZ Datasheet(HTML) 34 Page - Analog Devices

Back Button ADN2817ACPZ Datasheet HTML 30Page - Analog Devices ADN2817ACPZ Datasheet HTML 31Page - Analog Devices ADN2817ACPZ Datasheet HTML 32Page - Analog Devices ADN2817ACPZ Datasheet HTML 33Page - Analog Devices ADN2817ACPZ Datasheet HTML 34Page - Analog Devices ADN2817ACPZ Datasheet HTML 35Page - Analog Devices ADN2817ACPZ Datasheet HTML 36Page - Analog Devices ADN2817ACPZ Datasheet HTML 37Page - Analog Devices ADN2817ACPZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ADN2817/ADN2818
Data Sheet
Rev. E | Page 34 of 40
Code
fMID (Hz)
196
363.1019 × 106
197
371.7531 × 106
198
381.0083 × 106
199
390.9568 × 106
200
401.7362 × 106
201
414.1826 × 106
202
426.8911 × 106
203
440.8554 × 106
204
456.1247 × 106
205
472.8887 × 106
206
491.4474 × 106
207
511.9351 × 106
208
488.0916 × 106
209
488.0824 × 106
210
498.5126 × 106
211
509.7584 × 106
212
521.8480 × 106
213
534.8244 × 106
214
548.7933 × 106
215
563.8571 × 106
216
580.1596 × 106
217
598.9401 × 106
218
618.2792 × 106
Code
fMID (Hz)
219
639.3962 × 106
220
662.4874 × 106
221
687.8404 × 106
222
715.6537 × 106
223
746.0568 × 106
224
681.0188 × 106
225
680.9806 × 106
226
694.9652 × 106
227
710.0511 × 106
228
726.2037 × 106
229
743.5062 × 106
230
762.0166 × 106
231
781.9136 × 106
232
803.4724 × 106
233
828.3653 × 106
234
853.7822 × 106
235
881.7109 × 106
236
912.2494 × 106
237
945.7774 × 106
238
982.8948 × 106
239
1.0239 × 109
240
976.1832 × 106
241
976.1648 × 106
Code
fMID (Hz)
242
997.0253 × 106
243
1.0195 × 109
244
1.0437 × 109
245
1.0696 × 109
246
1.0976 × 109
247
1.1277 × 109
248
1.1603 × 109
249
1.1979 × 109
250
1.2366 × 109
251
1.2788 × 109
252
1.3250 × 109
253
1.3757 × 109
254
1.4313 × 109
255
1.4921 × 109
256
1.3620 × 109
257
1.3620 × 109
258
1.3899 × 109
259
1.4201 × 109
260
1.4524 × 109
261
1.4870 × 109
262
1.5240 × 109
263
1.5638 × 109
264
1.6069 × 109
Code
fMID (Hz)
265
1.6567 × 109
266
1.7076 × 109
267
1.7634 × 109
268
1.8245 × 109
269
1.8916 × 109
270
1.9658 × 109
271
2.0477 × 109
272
1.9524 × 109
273
1.9523 × 109
274
1.9941 × 109
275
2.0390 × 109
276
2.0874 × 109
277
2.1393 × 109
278
2.1952 × 109
279
2.2554 × 109
280
2.3206 × 109
281
2.3958 × 109
282
2.4731 × 109
283
2.5576 × 109
284
2.6499 × 109
285
2.7514 × 109
286
2.8626 × 109
287
2.9842 × 109


Similar Part No. - ADN2817ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Similar Description - ADN2817ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2913 AD-ADN2913 Datasheet
577Kb / 37P
   Continuous Rate 6.5 Mbps to 8.5 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2915 AD-ADN2915 Datasheet
776Kb / 36P
   Continuous Rate 6.5 Mbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2917 AD-ADN2917 Datasheet
703Kb / 32P
   Continuous Rate 8.5 Gbps to 11.3 Gbps Clock and Data Recovery IC with Integrated Limiting Amp/EQ
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com