Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC6401-14 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6401-14
Description  2.4GHz Low Noise, Low Distortion Differential ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6401-14 Datasheet(HTML) 2 Page - Linear Technology

  LTC6401-14 Datasheet HTML 1Page - Linear Technology LTC6401-14 Datasheet HTML 2Page - Linear Technology LTC6401-14 Datasheet HTML 3Page - Linear Technology LTC6401-14 Datasheet HTML 4Page - Linear Technology LTC6401-14 Datasheet HTML 5Page - Linear Technology LTC6401-14 Datasheet HTML 6Page - Linear Technology LTC6401-14 Datasheet HTML 7Page - Linear Technology LTC6401-14 Datasheet HTML 8Page - Linear Technology LTC6401-14 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6400-14
2
640014fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (V+ – V) .........................................3.6V
Input Current (Note 2)..........................................±10mA
Operating Temperature Range
(Note 3) ...............................................–40°C to 85°C
Specified Temperature Range
(Note 4) ...............................................–40°C to 85°C
Storage Temperature Range...................–65°C to 150°C
Maximum Junction Temperature........................... 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
UD PACKAGE
16-LEAD (3mm
3mm) PLASTIC QFN
9
10
11
17
12
4
3
2
1
V+
VOCM
V+
V–
V–
ENABLE
V+
V–
TJMAX = 150°C, θJA = 68°C/W, θJC = 4.2°C/W
EXPOSED PAD (PIN 17) IS V, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LTC6400 AND LTC6401 SELECTOR GUIDE Please check each datasheet for complete details.
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6400CUD-14#PBF
LTC6400CUD-14#TRPBF
LCCR
16-Lead (3mm
× 3mm) Plastic QFN
0°C to 70°C
LTC6400IUD-14#PBF
LTC6400IUD-14#TRPBF
LCCR
16-Lead (3mm
× 3mm) Plastic QFN
– 40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PART NUMBER
GAIN
(dB)
GAIN
(V/V)
ZIN (DIFFERENTIAL)
(Ω)
ICC
(mA)
LTC6400-8
8
2.5
400
85
LTC6400-14
14
5
200
85
LTC6400-20
20
10
200
90
LTC6400-26
26
20
50
85
LTC6401-8
8
2.5
400
45
LTC6401-14
14
5
200
45
LTC6401-20
20
10
200
50
LTC6401-26
26
20
50
45
In addition to the LTC6400 family of amplifiers, a lower power LTC6401 family is available. The LTC6401 is pin compatible to the LTC6400, and has the
same low noise performance. The lower power consumption of the LTC6401 comes at the expense of slightly higher non-linearity, especially at input
frequencies above 140MHz. Please refer to the separate LTC6401 data sheets for complete details.


Similar Part No. - LTC6401-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6401-14 LINER-LTC6401-14 Datasheet
226Kb / 16P
   2GHz Low Noise, Low Distortion Differential ADC Driver for DC-140MHz
LTC6401-14 LINER-LTC6401-14 Datasheet
1Mb / 32P
   1.6GHz Low Noise High Linearity Differential Buffer/ 16-Bit ADC Driver with Fast Clamp
LTC6401-14 LINER-LTC6401-14 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6401-14 LINER-LTC6401-14 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6401-14 LINER-LTC6401-14 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LTC6401-14

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400CUD-14 LINER-LTC6400CUD-14 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400IUD-8 LINER-LTC6400IUD-8 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1993-4 LINER-LT1993-4_15 Datasheet
726Kb / 16P
   900MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
LT1993-10 LINER-LT1993-10_15 Datasheet
745Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifier/ ADC Driver
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com