Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2491EBRWZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2491EBRWZ-REEL7
Description  High Speed, ESD-Protected, Half-/Full-Duplex Coupler Isolated RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2491EBRWZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADM2491EBRWZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM2491EBRWZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM2491EBRWZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM2491EBRWZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM2491EBRWZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM2491EBRWZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM2491EBRWZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM2491EBRWZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM2491EBRWZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Speed, ESD-Protected, Half-/Full-Duplex
i
Coupler Isolated RS-485 Transceiver
ADM2491E
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2010 Analog Devices, Inc. All rights reserved.
FEATURES
Isolated, RS-485/RS-422 transceiver, configurable as half- or
full-duplex
±8 kV ESD protection on RS-485 input/output pins
16 Mbps data rate
Complies with ANSI TIA/EIA RS-485-A-1998 and
ISO 8482: 1987(E)
Suitable for 5 V or 3.3 V operation (V
DD1)
High common-mode transient immunity: >25 kV/μs
Receiver has open-circuit, fail-safe design
32 nodes on the bus
Thermal shutdown protection
Safety and regulatory approvals
UL recognition: 5000 V rms isolation voltage
for 1 minute, per UL 1577
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
Reinforced insulation, V
IORM = 848 V peak
Operating temperature range: −40°C to +85°C
Wide body, 16-lead SOIC package
APPLICATIONS
Isolated RS-485/RS-422 interfaces
Industrial field networks
INTERBUS
Multipoint data transmission systems
FUNCTIONAL BLOCK DIAGRAM
VDD1
GND1
A
B
VDD2
GND2
Y
Z
TxD
DE
RxD
ADM2491E
RE
Figure 1.
GENERAL DESCRIPTION
The ADM2491E is an isolated data transceiver with ±8 kV ESD
protection and is suitable for high speed, half- or full-duplex
communication on multipoint transmission lines. For half-
duplex operation, the transmitter outputs and the receiver
inputs share the same transmission line. Transmitter output
Pin Y is linked externally to receiver input Pin A, and transmit-
ter output Pin Z is linked to receiver input Pin B.
The ADM2491E is designed for balanced transmission lines
and complies with ANSI TIA/EIA RS-485-A-1998 and ISO
8482: 1987(E). The device employs Analog Devices, Inc.,
iCoupler® technology to combine a 3-channel isolator, a three-
state differential line driver, and a differential input receiver into
a single package.
The differential transmitter outputs and receiver inputs feature
electrostatic discharge circuitry that provides protection to
±8 kV using the human body model (HBM). The logic side of
the device can be powered with either a 5 V or a 3.3 V supply,
whereas the bus side requires an isolated 5 V supply.
The device has current-limiting and thermal shutdown features
to protect against output short circuits and situations in which
bus contention could cause excessive power dissipation.
The ADM2491E is available in a wide body, 16-lead SOIC package
and operates over the −40°C to +85°C temperature range.


Similar Part No. - ADM2491EBRWZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2491EBRWZ-REEL7 AD-ADM2491EBRWZ-REEL7 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
More results

Similar Description - ADM2491EBRWZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2491E AD-ADM2491E_V01 Datasheet
423Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex iCoupler Isolated RS-485 Transceiver
Rev. C
ADM2491E AD-ADM2491E Datasheet
572Kb / 16P
   High Speed, ESD-Protected, Half-/Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. 0
ADM2490E_VA AD-ADM2490E_VA Datasheet
511Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler Isolated RS-485 Transceiver
REV. A
ADM2490E AD-ADM2490E Datasheet
559Kb / 16P
   High Speed, ESD-Protected, Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2486 AD-ADM2486_15 Datasheet
450Kb / 20P
   High Speed, Half-Duplex Coupler Isolated RS-485 Transceiver
Rev. E
ADM2484E AD-ADM2484E Datasheet
472Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
REV. 0
ADM2484E AD-ADM2484E_V01 Datasheet
377Kb / 16P
   500 kbps, ESD Protected, Half-/Full-Duplex, iCoupler, Isolated RS-485 Transceiver
Rev. G
logo
Maxim Integrated Produc...
MAX13181E MAXIM-MAX13181E Datasheet
297Kb / 18P
   5.0V, 짹15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
Rev 0; 7/07
logo
Analog Devices
ADM2486 AD-ADM2486 Datasheet
294Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
REV. C
ADM2486 AD-ADM2486_V01 Datasheet
449Kb / 20P
   High Speed, Half-Duplex iCoupler Isolated RS-485 Transceiver
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com