Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADL5375-05ACPZ-WP Datasheet(PDF) 21 Page - Analog Devices

Part No. ADL5375-05ACPZ-WP
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADL5375-05ACPZ-WP Datasheet(HTML) 21 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
ADL5375
Rev. C | Page 21 of 36
OUTPUT DISABLE
The ADL5375 incorporates an output disable pin feature that
shuts down the output amplifier stage to isolate the modulator
from the load. This output is disabled when the voltage on the
DSOP exceeds 2 V. The output is enabled when the DSOP pin is
either tied to ground or left unconnected.
Asserting DSOP further reduces LO leakage (see Figure 27 and
Figure 52) and drives the broadband noise of the device down
to just above the KT thermal noise level. Asserting DSOP also
reduces the supply current of the ADL5375 from 200 mA to
127 mA.
The time delay between when DSOP pin going low and the
output power being restored is approximately 200 ns. The time
delay when DSOP going high and output being disabled is less
than 100 ns.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn