Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADL5375-05ACPZ-WP Datasheet(PDF) 33 Page - Analog Devices

Part No. ADL5375-05ACPZ-WP
Description  400 MHz to 6 GHz Broadband Quadrature Modulator
Download  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADL5375-05ACPZ-WP Datasheet(HTML) 33 Page - Analog Devices

 
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
ADL5375
Rev. C | Page 33 of 36
CHARACTERIZATION SETUP
MOD TEST SETUP
IP
IN
QP
QN
OUT
GND
VPOS
MOD
LO
IOUT
QOUT
VPOS +5V
LO
OUTPUT
90°
IQ
ROHDE & SCHWARTZ
SPECTRUM ANALYZER
FSU 20Hz TO 8GHz
I/AM
Q/FM
AGILENT 34401A
MULTIMETER
0.194 ADC
AGILENT E3631A
POWER SUPPLY
5.000
0.194A
COM
6V
±25V
+
+ –
AEROFLEX
IFR 3416
250kHz TO 6GHz SIGNAL GENERATOR
RF
OUT
FREQ 1MHz
LEVEL 0dBm
BIAS 0.5V
BIAS 0.5V
GAIN 0.5V
GAIN 0.5V
CONNECT TO BACK OF UNIT
+6dBm
RF
IN
Figure 79. Characterization Bench Setup
The primary setup used to characterize the ADL5375 is shown
in Figure 79. This setup was used to evaluate the product as a
single-sideband modulator. The aeroflex signal generator supplied
the LO and differential I and Q baseband signals to the device
under test (DUT). The typical LO drive was 0 dBm. The I-channel
is driven by a sine wave, and the Q-channel is driven by a cosine
wave. The lower sideband is the single-sideband (SSB) output.
The majority of characterization for the ADL5375 was performed
using a 1 MHz sine wave signal with a 500 mV (ADL5375-05)
or 1500 mV (ADL5375-15) common-mode voltage applied to
the baseband signals of the DUT. The baseband signal path was
calibrated to ensure that the VIOS and VQOS offsets on the baseband
inputs were minimized as close as possible to 0 V before
connecting to the DUT. See the Carrier Feedthrough Nulling
section for the definitions of VIOS and VQOS.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn