Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2802CDE Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2802CDE
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2802CDE Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2802CDE Datasheet HTML 2Page - Linear Technology LTC2802CDE Datasheet HTML 3Page - Linear Technology LTC2802CDE Datasheet HTML 4Page - Linear Technology LTC2802CDE Datasheet HTML 5Page - Linear Technology LTC2802CDE Datasheet HTML 6Page - Linear Technology LTC2802CDE Datasheet HTML 7Page - Linear Technology LTC2802CDE Datasheet HTML 8Page - Linear Technology LTC2802CDE Datasheet HTML 9Page - Linear Technology LTC2802CDE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LTC2801/LTC2802/
LTC2803/LTC2804

2801234fe
tyPical PerForMance characteriSticS
LTC2803 at 1.8V and 250kbps
LTC2804 at 1.8V and 1Mbps
Drivers Disabled Mode Supply
Current vs Supply Voltage
tPZLR
VL
0V
VOLR
VOHR
ROUT
PS AND MODE
GND
VL
ROUT
tPZHR
1/2 VL
tPLZR
1/2 VL
1/2 VL
2801 F05
VL
PS AND MODE
RL
CL
ROUT
–3V OR 3V
0V
tPHZR
1/2 VL
VOLR + 0.5V
VOHR – 0.5V
PS AND MODE tr, tf ≤ 40ns
Figure 5. Receiver Enable/Disable Times
Supply Current vs Supply Voltage
(Dual Transceiver)
Supply Current vs Data Rate
Supply Current vs Load
Capacitance (Dual Transceiver)
TA = 25°C, VCC = VL = 3.3V unless otherwise noted.
teSt circuitS
2801 G01
T1IN
T2OUT
T1OUT
R2OUT
R1OUT
2V/DIV
10V/DIV
2V/DIV
2µs/DIV
VCC = VL = 1.8V
WRAPPING DATA
TOUT LOAD = 1nF + RIN
ROUT LOAD = 150pF
2801 G02
T1IN
T2OUT
T1OUT
R2OUT
R1OUT
2V/DIV
10V/DIV
2V/DIV
400ns/DIV
VCC = VL = 1.8V
WRAPPING DATA
TOUT LOAD = 250pF + RIN
ROUT LOAD = 150pF
SUPPLY VOLTAGE (V)
6
3.0
2.5
2.0
1.5
1.0
0.5
0
1
2
3
4
2801 G03
5
VCC = VL
TA = 85°C
TA = 25°C
TA = –40°C
LTC2804
LTC2803
ALL DRIVERS SWITCHING
VCC = VL
RL = 3k
CL = 1nF
250kbps
20.8kbps
125kbps
SUPPLY VOLTAGE (V)
1
60
50
40
30
20
10
0
2
3
4
5
2801 G04
6
DATA RATE (kbps)
0
100
80
60
40
20
0
800
2801 G05
200
400
600
1000
ALL DRIVERS SWITCHING
VCC = VL = 1.8V
RL = 3k
LTC2804
LTC2802
1nF
1nF
250pF
250pF
250kbps
100
80
60
40
20
0
LOAD CAPACITANCE (nF)
1
5
2801 G06
2
3
4
LTC2804
LTC2803
125kbps
VCC = VL = 1.8V
RL = 3k
ALL DRIVERS SWITCHING
20.8kbps


Similar Part No. - LTC2802CDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2802CDE LINER-LTC2802CDE Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802CDE LINER-LTC2802CDE Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802CDE-PBF LINER-LTC2802CDE-PBF Datasheet
385Kb / 16P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802CDE-TRPBF LINER-LTC2802CDE-TRPBF Datasheet
385Kb / 16P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
More results

Similar Description - LTC2802CDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2803 LINER-LTC2803_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802CDE LINER-LTC2802CDE Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801 Datasheet
385Kb / 16P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2803CDHC LINER-LTC2803CDHC Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802IDE LINER-LTC2802IDE Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2804 LINER-LTC2804_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802 LINER-LTC2802_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com