Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2801 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2801
Description  1.8V to 5.5V RS-232 Single and Dual Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2801 Datasheet(HTML) 4 Page - Linear Technology

  LTC2801 Datasheet HTML 1Page - Linear Technology LTC2801 Datasheet HTML 2Page - Linear Technology LTC2801 Datasheet HTML 3Page - Linear Technology LTC2801 Datasheet HTML 4Page - Linear Technology LTC2801 Datasheet HTML 5Page - Linear Technology LTC2801 Datasheet HTML 6Page - Linear Technology LTC2801 Datasheet HTML 7Page - Linear Technology LTC2801 Datasheet HTML 8Page - Linear Technology LTC2801 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LTC2801/LTC2802/
LTC2803/LTC2804

2801234fe
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise specified.
Note 3: Guaranteed by other measured parameters and not tested directly.
Note 4: Time from PS
or ON/OFF ↑ until VDD ≥ 5V and VEE –5V.
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 1.8V to 5.5V, VL = 1.8V to 5.5V, Normal Mode. Typical values are
given for VCC = VL = 3.3V and TA = 25°C, unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
SwitchinG characteriSticS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Data Rate
LTC2801, LTC2803 (Note 3)
RL = 3kW, CL = 2.5nF
RL = 3kW, CL = 1nF
l
l
100
250
kbps
kbps
LTC2802, LTC2804 (Note 3)
RL = 3kW, CL = 2.5nF
RL = 3kW, CL = 1nF
RL = 3kW, CL = 250pF
l
l
l
100
250
1000
kbps
kbps
kbps
Driver
SR(D)
Driver Slew Rate
LTC2801, LTC2803 (Figure 1)
VCC = VL = 1.8V, RL = 3kW, CL = 2.5nF
VCC = VL = 5.5V, RL = 3kW, CL = 50pF
l
l
4
30
V/µs
V/µs
LTC2802, LTC2804 (Figure 1)
VCC = VL = 1.8V, RL = 3kW, CL = 2.5nF
VCC = VL = 5.5V, RL = 3kW, CL = 50pF
l
l
4
150
V/µs
V/µs
tPHLD, tPLHD
Driver Propagation Delay
RL = 3kW, CL = 50pF (Figure 2)
LTC2801, LTC2803
LTC2802, LTC2804
l
l
1
0.2
2
0.5
µs
µs
tSKEWD
Driver Skew
RL = 3kW, CL = 50pF (Figure 2)
LTC2801, LTC2803
LTC2802, LTC2804
100
50
ns
ns
tPZHD, tPZLD
Driver Output Enable Time
PS = VL, MODE = ↑, RL = 3kW, CL = 50pF
(Figure 4)
l
0.6
2
µs
tPHZD, tPLZD
Driver Output Disable Time
PS = VL, MODE = ↓, RL = 3kW, CL = 50pF
(Figure 4)
l
0.3
2
µs
Receiver
tPHLR, tPLHR
Receiver Propagation Delay
CL = 150pF (Figure 3)
l
0.2
0.4
µs
tSKEWR
Receiver Skew
CL = 150pF (Figure 3)
50
ns
tRR, tFR
Receiver Rise or Fall Time
CL = 150pF (Figure 3)
l
60
200
ns
tPZHR, tPZLR
Shutdown to Receiver Output Enable
PS = MODE =
↑ or ON/OFF = ↑,
RL = 1kW, CL = 150pF (Figure 5)
l
5
15
µs
tPHZR, tPLZR
Receiver Output Disable upon Shutdown
PS = MODE =
↓ or ON/OFF = ↓,
RL = 1kW, CL = 150pF (Figure 5)
l
0.15
0.3
µs
Power Supply Generator
VDD/VEE Supply Rise Time
(Notes 3 and 4)
l
0.2
2
ms


Similar Part No. - LTC2801

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2801 LINER-LTC2801 Datasheet
385Kb / 16P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801 Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801 Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801 Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
More results

Similar Description - LTC2801

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2803 LINER-LTC2803_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801CDE LINER-LTC2801CDE Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802CDE LINER-LTC2802CDE Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2801 LINER-LTC2801 Datasheet
385Kb / 16P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2803CDHC LINER-LTC2803CDHC Datasheet
338Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2804 LINER-LTC2804_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
LTC2802 LINER-LTC2802_15 Datasheet
384Kb / 18P
   1.8V to 5.5V RS-232 Single and Dual Transceivers
logo
Exar Corporation
SP3224E EXAR-SP3224E Datasheet
4Mb / 23P
   3.0V to 5.5V RS-232 Transceivers
logo
Sipex Corporation
SP3223B SIPEX-SP3223B Datasheet
180Kb / 24P
   Intelligent 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com