Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1864ACMS8 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1864ACMS8
Description  Power, 16-Bit, 250ksps 1- and 2-Channel
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864ACMS8 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1864ACMS8 Datasheet HTML 4Page - Linear Technology LTC1864ACMS8 Datasheet HTML 5Page - Linear Technology LTC1864ACMS8 Datasheet HTML 6Page - Linear Technology LTC1864ACMS8 Datasheet HTML 7Page - Linear Technology LTC1864ACMS8 Datasheet HTML 8Page - Linear Technology LTC1864ACMS8 Datasheet HTML 9Page - Linear Technology LTC1864ACMS8 Datasheet HTML 10Page - Linear Technology LTC1864ACMS8 Datasheet HTML 11Page - Linear Technology LTC1864ACMS8 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC1864/LTC1865
8
18645fb
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Current vs
Sampling Rate
Reference Current vs
Temperature
Reference Current vs
Reference Voltage
Typical INL Curve
Typical DNL Curve
Analog Input Leakage Current vs
Temperature
Supply Current vs Sampling
Frequency
Supply Current vs Temperature
Sleep Current vs Temperature
SAMPLING FREQUENCY (kHz)
0.01
1000
100
10
1
0.1
0.01
100
18645 G01
0.1
1.0
10
1000
VCC = 5V
TA = 25°C
CONV LOW = 800ns
TEMPERATURE (°C)
–50
1000
800
600
400
200
0
0
50
75
18645 G02
–25
25
100
125
VCC = 5V
VREF = 5V
fSAMPLE = 250kHz
CONV HIGH = 3.2μS
TEMPERATURE (°C)
–50
1000
900
800
700
600
500
400
300
200
100
0
0
50
75
18645 G03
–25
25
100
125
CONV = VCC = 5V
SAMPLE RATE (kHz)
0
60
50
40
30
20
10
0
50
100
150
200
18645 G04
250
VCC = 5V
TA = 25°C
VREF = 5V
CONV LOW = 800ns
TEMPERATURE (°C)
–50
55
54
53
52
51
50
49
48
47
46
45
0
50
75
18645 G05
–25
25
100
125
VCC = 5V
VREF = 5V
fS = 250kHz
VREF (V)
0
60
50
40
30
20
10
0
123
4
18645 G06
5
VCC = 5V
TA = 25°C
fS = 250kHz
CODE
0
65536
18645 G07
32768
4
2
0
–2
–4
16384
49152
VCC = 5V
TA = 25°C
VREF = 5V
CODE
0
65536
18645 G08
32768
16384
49152
2
1
0
–1
–2
VCC = 5V
TA = 25°C
VREF = 5V
TEMPERATURE (°C)
–50
100
18645 G09
050
100
75
50
25
0
–25
25
75
125
VCC = 5V
VREF = 5V
CONV = 0V


Similar Part No. - LTC1864ACMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864ACMS8 LINER-LTC1864ACMS8 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864ACMS8 LINER-LTC1864ACMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACMS8 LINER-LTC1864ACMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACMS8-PBF LINER-LTC1864ACMS8-PBF Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864ACMS8-TRPBF LINER-LTC1864ACMS8-TRPBF Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1864ACMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1865LIMS LINER-LTC1865LIMS Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1865LACMS LINER-LTC1865LACMS Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com